Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBF-5089 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SBF-5089
Description  DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBF-5089 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SBF-5089 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBF-5089 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBF-5089 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBF-5089 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBF-5089 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
EDS-103413 Rev. C
Preliminary
SBF-5089 DC-500 MHz Cascadable MMIC Amplifier
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
0.3255 [8.27]
0.2560 [6.50]
DEVICE
CENTERLINE
0.0775 [1.97]
0.0750 [1.91]
INPUT/OUTPUT TRACE
CENTERLINE
0.0600 [1.52]
0.0450 [1.14]
0.0420 [1.07]
0.0506 [1.29]
0.0800 [2.03]
0.0899 [2.28]
0.0270 [0.69]
Ø0.0200 [Ø0.51] GND Via 9X
0.0250 [0.64]
(2X)
0.0540 [1.37] (2X)
0.0640 [1.63]
(2X)
0.0750 [1.91] (2X)
0.0540 [1.37]
0.0449 [1.14]
NOTE: For broadband RF
unconditional stability do not
put vias under exposed gnd
PCB Pad Layout
Dimensions in inches [millimeters]
See Application Note AN-075
For Package Outline Drawing


Similar Part No. - SBF-5089

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBF-5089 SIRENZA-SBF-5089 Datasheet
235Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBF-5089Z SIRENZA-SBF-5089Z Datasheet
235Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results

Similar Description - SBF-5089

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBF-4089 ETC1-SBF-4089 Datasheet
229Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBF-5089 SIRENZA-SBF-5089 Datasheet
235Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com