Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-T676 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LS-T676
Description  white P-LCC-2 package, colorless clear resin
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T676 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LS-T676 Datasheet HTML 2Page - OSRAM GmbH LS-T676 Datasheet HTML 3Page - OSRAM GmbH LS-T676 Datasheet HTML 4Page - OSRAM GmbH LS-T676 Datasheet HTML 5Page - OSRAM GmbH LS-T676 Datasheet HTML 6Page - OSRAM GmbH LS-T676 Datasheet HTML 7Page - OSRAM GmbH LS-T676 Datasheet HTML 8Page - OSRAM GmbH LS-T676 Datasheet HTML 9Page - OSRAM GmbH LS-T676 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2007-02-16
6
LS T676, LA T676, LO T676, LY T676
Relative spektrale Emission
2) Seite 15
Relative Spectral Emission
2)
page 15
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TA = 25 °C; IF = 20 mA
Abstrahlcharakteristik
2) Seite 15
Radiation Characteristic
2)
page 15
I
rel = f (ϕ); TA = 25 °C
OHL00235
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
I
rel
λ
Vλ
yellow
orange
amber
super-red
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LS-T676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
More results

Similar Description - LS-T676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-T68C OSRAM-LB-T68C Datasheet
444Kb / 16P
   white P-LCC-2 package, colorless clear resin
LST656 OSRAM-LST656 Datasheet
533Kb / 15P
   white P-LCC-2 package, colorless clear resin
LB-T676 OSRAM-LB-T676 Datasheet
391Kb / 15P
   white P-LCC-2 package, colorless clear resin
LS-T656 OSRAM-LS-T656 Datasheet
533Kb / 15P
   white P-LCC-2 package, colorless clear resin
LG-T656 OSRAM-LG-T656 Datasheet
412Kb / 15P
   white P-LCC-2 package, colorless clear resin
LBT68C OSRAM-LBT68C Datasheet
444Kb / 16P
   white P-LCC-2 package, colorless clear resin
LS-T67F OSRAM-LS-T67F Datasheet
579Kb / 15P
   white P-LCC-2 package, colorless clear resin
LG-T67K OSRAM-LG-T67K Datasheet
581Kb / 15P
   white P-LCC-2 package, colorless clear resin
LA-G67F OSRAM-LA-G67F Datasheet
429Kb / 15P
   white P-LCC-6 package, colorless clear resin
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com