Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-K376 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LS-K376
Description  colorless, clear 3 mm (T1) package with specially shaped lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-K376 Datasheet(HTML) 2 Page - OSRAM GmbH

  LS-K376 Datasheet HTML 1Page - OSRAM GmbH LS-K376 Datasheet HTML 2Page - OSRAM GmbH LS-K376 Datasheet HTML 3Page - OSRAM GmbH LS-K376 Datasheet HTML 4Page - OSRAM GmbH LS-K376 Datasheet HTML 5Page - OSRAM GmbH LS-K376 Datasheet HTML 6Page - OSRAM GmbH LS-K376 Datasheet HTML 7Page - OSRAM GmbH LS-K376 Datasheet HTML 8Page - OSRAM GmbH LS-K376 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2000-09-19
2
LS K376, LA K376, LO K376, LY K376,
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 %
ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11 %.
Typ
Type
Emissions-
farbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstrom
Luminous Flux
I
F =20 mA
F
V (mlm)
Bestellnummer
Ordering Code
LS K376-QT
LS K376-R
LS K376-S
LS K376-T
LS K376-RU
super-red
colorless clear
71 ... 450
112 ... 180
180 ... 280
280 ... 450
112 ... 710
Q62703-Q3467
Q62703-Q3468
Q62703-Q3469
Q62703-Q3470
Q62703-Q3471
LA K376-RU
LA K376-S
LA K376-T
LA K376-U
LA K376-SV
amber
colorless clear
112 ... 710
180 ... 280
280 ... 450
450 ... 710
180 ... 1120
Q62703-Q3735
Q62703-Q3737
Q62703-Q3738
Q62703-Q3739
Q62703-Q3736
LO K376-RU
LO K376-S
LO K376-T
LO K376-U
LO K376-SV
orange
colorless clear
112 ... 710
180 ... 280
280 ... 450
450 ... 710
180 ... 1120
Q62703-Q3472
Q62703-Q3473
Q62703-Q3474
Q62703-Q3475
Q62703-Q3476
LY K376-RU
LY K376-S
LY K376-T
LY K376-U
LY K376-SV
yellow
colorless clear
112 ... 710
180 ... 280
280 ... 450
450 ... 710
180 ... 1120
Q62703-Q3477
Q62703-Q3478
Q62703-Q3479
Q62703-Q3480
Q62703-Q3481


Similar Part No. - LS-K376

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-0006 ETC-LS-0006 Datasheet
61Kb / 2P
   Plastic Gear Analog Servo
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02NB FOTEK-LS-02NB Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02P FOTEK-LS-02P Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02PB FOTEK-LS-02PB Datasheet
1Mb / 6P
   Inductive proximity sensor
More results

Similar Description - LS-K376

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LP-K376 OSRAM-LP-K376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
   colorless, clear 3 mm (T1) package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
   colorless, micro diffused 3 mm (T1) package
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
   colorless, micro diffused 3 mm (T1) package
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
   dome-shaped clear lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com