Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-3333 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB-3333
Description  colorless, micro diffused 3 mm (T1) package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-3333 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB-3333 Datasheet HTML 5Page - OSRAM GmbH LB-3333 Datasheet HTML 6Page - OSRAM GmbH LB-3333 Datasheet HTML 7Page - OSRAM GmbH LB-3333 Datasheet HTML 8Page - OSRAM GmbH LB-3333 Datasheet HTML 9Page - OSRAM GmbH LB-3333 Datasheet HTML 10Page - OSRAM GmbH LB-3333 Datasheet HTML 11Page - OSRAM GmbH LB-3333 Datasheet HTML 12Page - OSRAM GmbH LB-3333 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2008-05-19
10
LB 3333, LT 3333
Maßzeichnung
9) Seite 13
Package Outlines
9) page 13
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight:
0.15 g
Empfohlenes Lötpaddesign
9) Seite 13
Wellenlöten (TTW)
Recommended Solder Pad
9) page 13
TTW Soldering
0.4 (0.016)
0.6 (0.024)
3.1 (0.122)
3.4 (0.134)
Area not flat
5.7 (0.224)
6.1 (0.240)
4.8 (0.189)
4.4 (0.173)
3.7 (0.146)
3.5 (0.138)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
GEXY6045
Cathode
4 (0.157)
OHLPY985


Similar Part No. - LB-3333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Rohm
LB-302DF ROHM-LB-302DF Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
More results

Similar Description - LB-3333

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
   colorless, micro diffused 3 mm (T1) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
   colorless, clear 3 mm (T1) package
LS336K OSRAM-LS336K Datasheet
349Kb / 12P
   colored, diffused 3 mm (T1) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
   colored, diffused 3 mm (T1) package
LS-336K OSRAM-LS-336K Datasheet
349Kb / 12P
   colored, diffused 3 mm (T1) package
LS-3386 OSRAM-LS-3386 Datasheet
219Kb / 12P
   colored, diffused 3 mm (T1) package
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
   colored, diffused 3 mm (T1) package
LS3366 OSRAM-LS3366 Datasheet
324Kb / 12P
   colored, diffused 3 mm (T1) package
LU5351 OSRAM-LU5351 Datasheet
310Kb / 12P
   colorless, diffused 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
   colorless, clear 5 mm (T1 쩐) package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com