Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-E67F Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LA-E67F
Description  white PLCC-4 package, colorless clear resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E67F Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LA-E67F Datasheet HTML 2Page - OSRAM GmbH LA-E67F Datasheet HTML 3Page - OSRAM GmbH LA-E67F Datasheet HTML 4Page - OSRAM GmbH LA-E67F Datasheet HTML 5Page - OSRAM GmbH LA-E67F Datasheet HTML 6Page - OSRAM GmbH LA-E67F Datasheet HTML 7Page - OSRAM GmbH LA-E67F Datasheet HTML 8Page - OSRAM GmbH LA-E67F Datasheet HTML 9Page - OSRAM GmbH LA-E67F Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2017-01-09
6
Version 1.3
LA E67F
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: BA-2-3A
Beispiel: BA-2-3A
Brightness
Helligkeit
Wavelength
Wellenlänge
Forward Voltage
Durchlassspannung
BA
2
3A
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.


Similar Part No. - LA-E67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E67B OSRAM-LA-E67B Datasheet
440Kb / 19P
   white PLCC-4 package, colorless clear resin
LA-E67B OSRAM-LA-E67B Datasheet
184Kb / 14P
   white P-LCC-4 package
More results

Similar Description - LA-E67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
   white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
   white PLCC-4 package, colorless clear resin
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
   white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
   white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
   white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
   white PLCC-4 package, colorless clear resin
LS-E63F OSRAM-LS-E63F Datasheet
378Kb / 22P
   white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
   white PLCC-4 package, colorless clear resin
LA-ETSF OSRAM-LA-ETSF Datasheet
612Kb / 21P
   white PLCC-4 package, colorless clear resin
LY-E67F OSRAM-LY-E67F Datasheet
475Kb / 20P
   white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com