Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62464BFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M62464BFP
Description  Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62464BFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M62464BFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62464BFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ELECTRIC
MITSUBISHI
M62464BFP
Dolby Pro Logic Surround Decoder
with Discrete 5.1ch Analog Input
MITSUBISHI SOUND PROCESSOR ICs
Symbol
Parameter
Units
Limits
Min.
Typ.
Max.
Test condition
Icc
IDD
Circuit current
No signal
CPR
Capture range
CER
Error collection
mA
mA
dB
dB
∆VoL
Output level accuracy relative to Cch
L,R,S'ch output
MR
Matrix rejection
L,R,C,S'ch output
THDAM
L,R,Cch output, 30kHz LPF
HRAM
Head room
THD=1%, L,R,Cch output
SNAM
S/N ratio
Rg=0
Ω,weighted CCIR/ARM
Vno
Output noise level
∆Vno
Noise level accuracy relative to Cch
dB
dB
L,R,S'ch output
Gain between input and output
Vin=0dBd,f=100Hz
DEC1
DEC2
DEC3
Decode character 1
THDNR
SNNR
Rg=0
Ω,weighted CCIR/ARM
Vin=0dBd,f=1.0kHz
Vin=-15dBd,f=1.4kHz
Vin=-40dBd,f=5.0kHz
Vin=0dBd,f=1kHz,30kHz LPF
HRNR
Head room
THD=1%
S/N ratio
%
dB
dB
dB
dB
ATTmax
dB
-95
ATT=-
∞,Vi=2Vrms
30
15
5
4
dB
dB
dB
%
dB
0
40
17
0.05
80
-12.5
0
6.8
-0.1
-1.5
-5.3
0.07
17
78
dB
Volume step1
1.0
VOLS1
THDLN
Total harmonic distortion
30kHz LPF
0.002
%
SNLN
S/N ratio
DIN-AUDIO
100
dB
ATTmin
ATT=0dB,TRIM=0dB
dB
0
Zi
Input impedance
22
k
VGNR
SNVOL
95
dB
CTLN
Line cross-talk
L,R,C,S'ch output
80
dB
-0.5
0.5
25
15
0.2
70
-15
-10
-0.5
0.5
-1.6
1.4
-3.0
0
-6.8
-3.8
0.3
15
0.05
95
70
68
11
44
-87
3.0
-3.0
85
45
25
9.8
3.8
ATT=-
∞,CCIR/ARM
TRIMmax
Maximum attenuation
dB
-31
TRIM=-31dB,VOLATT=0dB
dB
Teimmer step
1.0
TRIMS
TRIMmin
Minimum attenuation
TRIM=0dB,VOLATT=0dB
dB
0
dB
Volume step2
1.0
VOLS2
ATT=0 to -40dB,TRIM=0dB
0.5
1.5
ATT=-40 to -76dB,TRIM=0dB
0.2
1.8
3.0
-3.0
-28
-34
0.6
1.4
VOLATT=0dB
Line(Bypass)
Cch/SLch/SRch/SWch Trimmer
S/N ratio
Maximum attenuation
Minimum attenuation
Cch/SLch/SRch/SWch Master Volume
Total harmonic distortion
Decode character 2
Decode character 3
Modified B-type Noise Reduction (0dB reference is 300mVrms/100Hz at SOUT)
Noise Sequencer
Total harmonic distortion
Adaptive Matrix
Auto-Balance
Circuit current
No signal
Total
ELECTRICAL CHARACTERISTICS
(Ta=25 C, Vcc=9V, VDD=5V, 0dBd=300mVrms, at COUT, f=1kHz unless otherwise noted)
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NJW1107 Dolby Pro Logic Surround Decoder with Discrete 5.1ch Input 1  2  3  4  5  More New Japan Radio
QS7779PM 3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD AC-3 Decoder 1  2  3  4  5  More Nippon Precision Circuits Inc
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1102 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
M62460FP “Super Single Chip” Surround Processor with Dolby Pro Logic Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn