Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-A67F Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LA-A67F
Description  white SMT package, colorless clear resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-A67F Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LA-A67F Datasheet HTML 4Page - OSRAM GmbH LA-A67F Datasheet HTML 5Page - OSRAM GmbH LA-A67F Datasheet HTML 6Page - OSRAM GmbH LA-A67F Datasheet HTML 7Page - OSRAM GmbH LA-A67F Datasheet HTML 8Page - OSRAM GmbH LA-A67F Datasheet HTML 9Page - OSRAM GmbH LA-A67F Datasheet HTML 10Page - OSRAM GmbH LA-A67F Datasheet HTML 11Page - OSRAM GmbH LA-A67F Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2017-05-11
8
Version 1.3
LA A67F
Forward Current 7) page 20 , 8) page 20
Durchlassstrom 7) Seite 20 , 8) Seite 20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 20 , 8) page 20
Relative Lichtstärke 7) Seite 20 , 8) Seite 20
IV/IV(30 mA) = f(IF); TS = 25 °C
OHL02665
mA
10
0
V
10
1
2
10
IF
VF
2.3
1.5
1.7
1.9
2.1
2.5
amber, orange
yellow
super red, red
OHL02812
I
F
I
I
V (30 mA)
V
10
10
5
2
10
mA
0
1
0
10
10
1
10
-1
5
10
-2
5


Similar Part No. - LA-A67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-A676 OSRAM-LA-A676 Datasheet
448Kb / 19P
   white SMT package, colorless clear resin
LA-A676 OSRAM-LA-A676 Datasheet
194Kb / 14P
   white SMT package
More results

Similar Description - LA-A67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
LSM47K OSRAM-LSM47K Datasheet
456Kb / 19P
   white SMT package, colorless clear resin
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
   white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
   white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
   white SMT package, colorless clear resin
LP-M676 OSRAM-LP-M676 Datasheet
502Kb / 20P
   white SMT package, colorless clear resin
LS-P47F OSRAM-LS-P47F Datasheet
522Kb / 21P
   white SMT package, colorless clear resin
LT-Y8SG OSRAM-LT-Y8SG Datasheet
536Kb / 21P
   white SMT package, colorless clear resin
LG-M670 OSRAM-LG-M670 Datasheet
478Kb / 19P
   white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
   white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
   white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com