Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPLC-8510A0 Datasheet(PDF) 1 Page - Mini-Circuits

Part # DPLC-8510A0
Description  Diplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DPLC-8510A0 Datasheet(HTML) 1 Page - Mini-Circuits

  DPLC-8510A0 Datasheet HTML 1Page - Mini-Circuits DPLC-8510A0 Datasheet HTML 2Page - Mini-Circuits DPLC-8510A0 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Plug-in design
• Field replaceable
• Low insertion loss
• Excellent return loss, 24 dB typ.
• Low group delay variation in passband
• Mirrored version available for ease of routing
• DOCSIS 3.1 standard
DPLC-8510A0+
Key Features
Diplexer
Product Overview
DPLC-8510A0+ is a high performance field replaceable plug-in diplexer with the lowpass port at DC-85
MHz and highpass port at 102-1220 MHz. Excellent return loss combined with high out of channel rejection
makes it a ideal part in cable TV and multiband radio systems
Feature
Advantages
Low passband insertion loss
Ensures low signal loss through both the channels.
Excellent Stopband rejection
Co-channel rejection of 50dB typical ensures unwanted spurious are eliminated.
Excellent return loss at DC-85 and 102-
1220 MHz
This makes signal transmission with very less reflection and well-matched with the
adjacent component used in the system.
75Ω DC to 1220 MHz
Page 1 of 3
CASE STYLE: QB2223
Plug-in
(DC-85, 102-1220 MHz)


Similar Part No. - DPLC-8510A0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DPLC-8510A01 MINI-DPLC-8510A01 Datasheet
499Kb / 4P
   Diplexer
DPLC-8510A01++ MINI-DPLC-8510A01+ Datasheet
499Kb / 4P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
DPLC-8510A01M++ MINI-DPLC-8510A01M+ Datasheet
500Kb / 4P
   Diplexer
More results

Similar Description - DPLC-8510A0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
   Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
   Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
   Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
   Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
   Diplexer
DPLB-6585A0 MINI-DPLB-6585A0 Datasheet
534Kb / 3P
   Diplexer
DPLX-6588A0 MINI-DPLX-6588A0 Datasheet
412Kb / 3P
   Diplexer
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
   Diplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com