Electronic Components Datasheet Search |
|
424-13-262-41-002000 Datasheet(PDF) 2 Page - Mill-Max Mfg. Corp. |
|
424-13-262-41-002000 Datasheet(HTML) 2 Page - Mill-Max Mfg. Corp. |
2 / 3 page BRASS ALLOY 360 per ASTM B 16, or 385 per ASTM B455 Properties of BRASS ALLOY 360 ASTM B 16: Chemical composition: Cu 63% (max), Pb 3.7% (max)†, Fe .35% (max), Zn remainder Temper as machined: H02/H04 Yield Strength: 25-45 ksi Tensile strength: 57-80 ksi Hardness as machined: 80-90 Rockwell B Electrical conductivity: 26% IACS* Melting point: 1000°C/840°C (liquidus/solidus) Properties of BRASS ALLOY 385 ASTM B 455: Chemical composition: Cu 60% (max), Pb 3.5% (max)†, Fe .35% (max), Zn remainder Temper as machined: H02/H04 Yield Strength: 16 ksi(min) Tensile strength: 48 ksi(min) Hardness as machined: 80-90 Rockwell B Electrical conductivity: 28% IACS* Melting point: 1000°C/840°C (liquidus/solidus) After machining, brass parts are often annealed (softened) for subsequent bending, swaging or crimping. A partial anneal down to 60±10 RB is recommended for 90° bends, a full anneal down to 35±15 RB is recommended for pins or terminals that are swaged (riveted) to a circuit board or crimped to a wire. †RoHS-2 directive 2011/65/EU, exemption 6c allows up to 4% lead as an alloy agent in copper. *International Annealed Copper Standard, i.e. as a % of pure copper. INSULATOR INFORMATION: PCT Polyester, (Thermx CG933, black) High Temperature Properties of PCT Polyester: Brand: Thermx Grade: CG-933 Rated voltage: 100 VRMS/150 VDC Insulation resistance: 10,000 Megaohms min. Material Heat Deflection Temp (per ASTM D 648): 529°F (276°C) @ 66 psi Dielectric strength: 1000 VRMS min. (700 VRMS min. for series 117 Shrink DIP) Note: Materials above 446°F (230°C) are considered suitable for "eutectic" reflow soldering, above 500°F (260°C) for "lead-free" reflow soldering. Certificate of Compliance: This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship. This Certificate of Compliance covers the following requirements: Dimensional (all features verified to be within tolerances described on the applicable drawing). Raw Material (materials and properties verified to be as described on the applicable drawing). Plating (platings as required, thickness verified, and performance including solderability per mil-standard). Performance (insertion extraction or other force requirements as described on the applicable drawing). Compliance Statement for RoHS and RoHS-2, on the restriction of the use of certain hazardous substances in electrical and electronic equipment, for Mill-Max products. 1. Directive 2015/863/EU of 31 March 2015 amending Annex II to Directive 2011/65/EU of the European Parliament and of the Council as regards the list of restricted substances. 2. Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (recast) 3. Directive 2002/95/EC of the European Parliament and of the Council of January 27 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. In reference to the directives described above, Mill-Max Mfg.Corp. certifies that its product labeled as RoHS and RoHS-2 are compliant to the above directives with exemption 6c, (copper alloy containing up to 4 % lead by weight). No warranty or liability of indemnification is expressed or implied with this information. Mill-Max Mfg. Corp. Datasheet — Last Modified 6/8/2018 Page 2 of 3 |
Similar Part No. - 424-13-262-41-002000 |
|
Similar Description - 424-13-262-41-002000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |