Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX7203-22ISM Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX7203-22ISM
Description  EMI Filter & ESD Protection for Up Stream USB Ports
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7203-22ISM Datasheet(HTML) 5 Page - Microsemi Corporation

  LX7203-22ISM Datasheet HTML 1Page - Microsemi Corporation LX7203-22ISM Datasheet HTML 2Page - Microsemi Corporation LX7203-22ISM Datasheet HTML 3Page - Microsemi Corporation LX7203-22ISM Datasheet HTML 4Page - Microsemi Corporation LX7203-22ISM Datasheet HTML 5Page - Microsemi Corporation LX7203-22ISM Datasheet HTML 6Page - Microsemi Corporation LX7203-22ISM Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LX7203-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
EMI Filter & ESD Protection for Up Stream USB
Ports
Copyright
 2002
Rev. 1.0a, 2002-10-22
I N T E GR A T ED
PRO DUC T S
CHARACT ER ISTIC CURVES
8KV Contact ESD
5.0V
40.0ns
M
Figure 4 –
8KV ESD input pulse as per IEC61000-4-2.
Vertical scale is equivalent to 5A/div.
5.0V
40.0ns
M
Ch1
1
Figure 5 –
Clamping Characteristics when device
subjected to an 8 KV ESD pulse.
Figure 6 –
Frequency response curve. Low insertion loss in
the pass band and -20dB attenuation at 800-900 MHz.
Better than -10dB attenuation at the WLAN frequencies of
2.4 and 5.0-6.0 GHz.
Figure 7 –
Analog Crosstalk between the two datalines D-
and D+


Similar Part No. - LX7203-22ISM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-15ISF MICROSEMI-LX7201-15ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-22ISF MICROSEMI-LX7201-22ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7202-15ISF MICROSEMI-LX7202-15ISF Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results

Similar Description - LX7203-22ISM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
logo
Semtech Corporation
ECLAMP1002A SEMTECH-ECLAMP1002A Datasheet
174Kb / 6P
   ESD/EMI Protection for Speaker Ports
ECLAMP3202A SEMTECH-ECLAMP3202A Datasheet
176Kb / 6P
   ESD/EMI Protection for Microphone Ports
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
   Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com