Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8741MTF Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN8741MTF
Description  Spindle Motor and 6-CH Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8741MTF Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN8741MTF Datasheet HTML 3Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 4Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 5Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 6Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 7Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 8Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 9Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 10Page - Fairchild Semiconductor FAN8741MTF Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
www.fairchildsemi.com
FAN8741/FAN8742 Rev. 1.0.1
Absolute Maximum Ratings (Ta = 25
°C)
NOTE:
Parameter
Value
Unit
Supply Voltage (Signal block)
7
V
Supply Voltage (Digital block)
7
V
Supply Voltage (Spindle/Sled/BTL/BTL pre driver)
15
V
Power Dissipation (56-TSSOP-EP)
1.6 / 3.2 / 4.1
W
Power Dissipation (56-SSOP-HS)
3.1 / 4.7
W
Operating Temperature Range
-20 to +75
°C
Storage Temperature Range
-40 to +150
°C
Maximum Output Current (Spindle)
2.0
A
Maximum Output Current (CH1/2/3/4, Sled)
1.0
A
56-TSSOP-EP, Case 1
56-TSSOP-EP, Case 2
Remark
Pd is mea-
sured base on
the JEDEC/
STD(JESD
51-2)
Pd=1.6 W
Pd=3.2 W
56-TSSOP-EP, Case 3
Pd=4.1 W
56-SSOP-HS, Case 1
56-SSOP-HS, Case 2
Pd=3.1W
Pd=4.7W
soldering
Power plane(Cu)
VIA hole
GND plane(Cu)
Power plane(Cu)
soldering
PCB(glass-epoxy)
Power
plane(Cu)
GND plane(Cu)
PCB(glass-epoxy)
GND plane(Cu)


Similar Part No. - FAN8741MTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

Similar Description - FAN8741MTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com