Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EVAL-AD7716EB Datasheet(PDF) 1 Page - Analog Devices

Part No. EVAL-AD7716EB
Description  Evaluation Board For 22-Bit Data Acquisition System
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

EVAL-AD7716EB Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
Evaluation Board For 22-Bit
Data Acquisition System
EVAL-AD7716EB
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
FEATURES
4-Channel Data Acquisition Board
22-Bit Resolution
PC Printer Port Compatible
PC-Compatible Software
INTRODUCTION
The EVAL-AD7716EB demonstrates the AD7716, 4-channel,
22-bit A/D Converter. This high-resolution ADC is ideally
suited for biomedical data acquisition systems such as ECG and
EEG as will as general data acquisition applications. Full data
on the AD7716 is available in the AD7716 data sheet availale
from Analog Devices and should be consulted in conjuction
with this document when using the evaluation board.
Included on the evaluation board with the AD7716 are 4 input
buffers, a voltage reference, a crystal oscillator, output interface
circuitry and a 25-Way D-Type connector. The board comes
complete with a cable for connecting directly to the printer port
of a PC.
Software is provided to allow simple demonstration and
evaluation of the AD7716.
FUNCTIONAL BLOCK DIAGRAM
EVAL-AD7716EB
INPUT
BUFFERS
AD7716
ANALOG
INPUTS
OUTPUT INTERFACE
25-WAY
D-TYPE
CONNECTOR
+5V GND
-5V
PROTOTYPE AREA
VOLTAGE
REFERENCE
CRYSTAL
P2
D
OUT2
P1
D
OUT1 DIN1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn