Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4302CMS-2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4302CMS-2
Description  Addressable 2-Wire Bus Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302CMS-2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4302CMS-2 Datasheet HTML 7Page - Linear Technology LTC4302CMS-2 Datasheet HTML 8Page - Linear Technology LTC4302CMS-2 Datasheet HTML 9Page - Linear Technology LTC4302CMS-2 Datasheet HTML 10Page - Linear Technology LTC4302CMS-2 Datasheet HTML 11Page - Linear Technology LTC4302CMS-2 Datasheet HTML 12Page - Linear Technology LTC4302CMS-2 Datasheet HTML 13Page - Linear Technology LTC4302CMS-2 Datasheet HTML 14Page - Linear Technology LTC4302CMS-2 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4302-1/LTC4302-2
11
sn430212 430212fs
Table 2. Register 1 Definition
BIT
NAME
TYPE
FUNCTION
7 (MSB) CONNECT Read/Write Backplane-to-Card Connection;
0 = Disconnected, 1 = Connected
6
DATA IN2 Read/Write Logic State of Input Signal to GPIO2
Block
5
DATA IN1 Read/Write Logic State of Input Signal to GPIO1
Block
4
DATA2
Read Only
Logic State of GPIO2 Pin
3
DATA1
Read Only
Logic State of GPIO1 Pin
2
NA
Read Only
Never Used, Always 0
1
NA
Read Only
Never Used, Always 0
0
NA
Read Only
Never Used, Always 0
Default State (MSB First): 011DD000
Note: The second and third bits of the data byte are used to write the data
value of the two GPIOs. During a write operation, the five read only bits are
ignored. During a read operation, bits 7 to 3 will be shifted onto the data
bus, followed by three 0s. Also note that DATA2 and DATA IN2 are
meaningless for the LTC4302-2 because there is no GPIO2 pin for that
option.
OPERATIO
master. The 8th bit of the Address Byte is the Read/Write
bit (R/W) and determines whether the master is writing to
or reading from the slave. Figure 2 shows a timing diagram
of the Start Bit and Address Byte required for both reading
and writing the LTC4302.
Programmable Features
The two-wire bus can be used to connect and disconnect
the card and backplane SDA and SCL busses, enable and
disable the rise time accelerators on either or both the
backplane and card sides, and configure and write to the
two GPIO pins (only one GPIO for the LTC4302-2). The bits
that control these features are stored in two registers. For
ease of software coding, the bits that are expected to
change more frequently are stored in the first register. In
addition, the bus can be used to read back the logic states
of the control bits. The maximum SCL frequency is 400kHz.
Writing to the LTC4302
The LTC4302 can be written using three different formats,
which are shown in Figures 3, 5 and 6. Each format begins
with a Start Bit, followed by the Address Byte as discussed
above. The procedure for writing one data byte is given by
the SMBus Send Byte protocol, illustrated in Figure 3. The
bits of the Data Byte are stored in the LTC4302’s Register
1. Table 2 defines the functions of these control bits. The
MSB controls the connection between the backplane and
card two-wire busses. The next two bits are used to write
logic values to the two GPIO pins. Since the LTC4302-2
has only one GPIO pin, bit “DATA IN1” controls its logic
value and bit “DATA IN2” is ignored. The 5 LSBs are not
used in Write operations.
The LTC4302 can be written with two data bytes by using
the format shown in Figure 5. The Address Byte and first
Data Byte are exactly the same as they are for the Send Byte
SCL
SDA
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
1 - 7
8
9
4302 F02
a6 - a0
b7 - b0
b7 - b0
1 - 7
8
9
1 - 7
8
9
P
S
Figure 2. Data Transfer Over I2C or SMBus
START
ACK
11 a4 - a0
WR
d7 - d0
1
1
71
8
S
00
ACK
1
S
0
DATA
BYTE
SLAVE
ADDRESS
STOP
1
4302 F03
Figure 3. Writing One Byte Using Send Byte Protocol


Similar Part No. - LTC4302CMS-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-1 LINER-LTC4302-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4302-1 LINER-LTC4302-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4302-1 LINER-LTC4302-1 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4302CMS-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com