Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K21P80M50SF4V2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # K21P80M50SF4V2
Description  Kinetis K21D Sub-Family
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K21P80M50SF4V2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button K21P80M50SF4V2 Datasheet HTML 3Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 4Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 5Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 6Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 7Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 8Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 9Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 10Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
2.2.1 Voltage and current operating requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VBAT
RTC battery supply voltage
1.71
3.6
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.71 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.71 V ≤ VDD ≤ 2.7 V
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
V
IICIO
I/O pin DC injection current — single pin
• VIN < VSS-0.3V (Negative current injection)
• VIN > VDD+0.3V (Positive current injection)
-3
+3
mA
1
IICcont
Contiguous pin DC injection current —regional limit,
includes sum of negative injection currents or sum of
positive injection currents of 16 contiguous pins
• Negative current injection
• Positive current injection
-25
+25
mA
VRAM
VDD voltage required to retain RAM
1.2
V
VRFVBAT
VBAT voltage required to retain the VBAT register file VPOR_VBAT
V
1. All analog pins are internally clamped to VSS and VDD through ESD protection diodes. If VIN is less than VAIO_MIN or
greater than VAIO_MAX, a current limiting resistor is required. The negative DC injection current limiting resistor is
calculated as R=(VAIO_MIN-VIN)/|IICAIO|. The positive injection current limiting resistor is calculated as R=(VIN-
VAIO_MAX)/|IICAIO|. Select the larger of these two calculated resistances if the pin is exposed to positive and negative
injection currents.
2.2.2 LVD and POR operating requirements
Table 2. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
0.8
1.1
1.5
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
2.48
2.56
2.64
V
Table continues on the next page...
General
Kinetis K21D Sub-Family Data Sheet, Rev6, 04/2014.
7
Freescale Semiconductor, Inc.


Similar Part No. - K21P80M50SF4V2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K21P80M50SF4 FREESCALE-K21P80M50SF4 Datasheet
1Mb / 55P
   K21 Sub-Family Data Sheet
logo
NXP Semiconductors
K21P80M50SF4 NXP-K21P80M50SF4 Datasheet
1Mb / 57P
   K21 Sub-Family
Rev. 4.1, 08/2013
More results

Similar Description - K21P80M50SF4V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
   Kinetis K21D Sub-Family
Rev 6, 04/2014
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
   Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
   Kinetis KL36 Sub-Family
Rev 5 08/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
   Kinetis K21F Sub-Family
Rev 4, 11/2014
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
   Kinetis K24 Sub-Family
Rev. 7, 10/2016
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5V2 NXP-K22P80M120SF5V2 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 5, 03/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com