Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K21P80M50SF4V2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # K21P80M50SF4V2
Description  Kinetis K21D Sub-Family
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K21P80M50SF4V2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button K21P80M50SF4V2 Datasheet HTML 25Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 26Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 27Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 28Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 29Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 30Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 31Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 32Page - NXP Semiconductors K21P80M50SF4V2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Table 20. Flash command timing specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
teewr8bers Byte-write to erased FlexRAM location
execution time
175
260
μs
3
teewr8b32k
teewr8b64k
Byte-write to FlexRAM execution time:
• 32 KB EEPROM backup
• 64 KB EEPROM backup
385
475
1800
2000
μs
μs
Word-write to FlexRAM for EEPROM operation
teewr16bers Word-write to erased FlexRAM location
execution time
175
260
μs
teewr16b32k
teewr16b64k
Word-write to FlexRAM execution time:
• 32 KB EEPROM backup
• 64 KB EEPROM backup
385
475
1800
2000
μs
μs
Longword-write to FlexRAM for EEPROM operation
teewr32bers Longword-write to erased FlexRAM location
execution time
360
540
μs
teewr32b32k
teewr32b64k
Longword-write to FlexRAM execution time:
• 32 KB EEPROM backup
• 64 KB EEPROM backup
630
810
2050
2250
μs
μs
1. Assumes 25 MHz flash clock frequency.
2. Maximum times for erase parameters based on expectations at cycling end-of-life.
3. For byte-writes to an erased FlexRAM location, the aligned word containing the byte must be erased.
3.4.1.3 Flash high voltage current behaviors
Table 21. Flash high voltage current behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
IDD_PGM
Average current adder during high voltage
flash programming operation
2.5
6.0
mA
IDD_ERS
Average current adder during high voltage
flash erase operation
1.5
4.0
mA
3.4.1.4 Reliability specifications
Table 22. NVM reliability specifications
Symbol
Description
Min.
Typ.1
Max.
Unit
Notes
Program Flash
tnvmretp10k Data retention after up to 10 K cycles
5
50
years
tnvmretp1k Data retention after up to 1 K cycles
20
100
years
Table continues on the next page...
Peripheral operating requirements and behaviors
Kinetis K21D Sub-Family Data Sheet, Rev6, 04/2014.
29
Freescale Semiconductor, Inc.


Similar Part No. - K21P80M50SF4V2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K21P80M50SF4 FREESCALE-K21P80M50SF4 Datasheet
1Mb / 55P
   K21 Sub-Family Data Sheet
logo
NXP Semiconductors
K21P80M50SF4 NXP-K21P80M50SF4 Datasheet
1Mb / 57P
   K21 Sub-Family
Rev. 4.1, 08/2013
More results

Similar Description - K21P80M50SF4V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
   Kinetis K21D Sub-Family
Rev 6, 04/2014
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
   Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
   Kinetis KL36 Sub-Family
Rev 5 08/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
   Kinetis K21F Sub-Family
Rev 4, 11/2014
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
   Kinetis K24 Sub-Family
Rev. 7, 10/2016
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5V2 NXP-K22P80M120SF5V2 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 5, 03/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com