Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6252 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC6252
Description  Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6252 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC6252 Datasheet HTML 23Page - Linear Technology LTC6252 Datasheet HTML 24Page - Linear Technology LTC6252 Datasheet HTML 25Page - Linear Technology LTC6252 Datasheet HTML 26Page - Linear Technology LTC6252 Datasheet HTML 27Page - Linear Technology LTC6252 Datasheet HTML 28Page - Linear Technology LTC6252 Datasheet HTML 29Page - Linear Technology LTC6252 Datasheet HTML 30Page - Linear Technology LTC6252 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC2345-18
27
234518f
For more information www.linear.com/LTC2345-18
the REFIN pin, which serves as the input to the on-chip
reference buffer, as shown in Figure 11a. When employing
the internal bandgap reference, the REFIN pin should be
bypassed to GND (Pin 20) close to the pin with a 0.1μF
ceramic capacitor to filter wideband noise. The reference
buffer amplifies VREFIN to create the converter master
reference voltage VREFBUF = 2 • VREFIN on the REFBUF pin,
nominally 4.096V when using the internal bandgap refer-
ence. Bypass REFBUF to GND (Pin 20) close to the pin with
at least a 47μF ceramic capacitor (X7R, 10V, 1210 size or
X5R, 10V, 0805 size) to compensate the reference buffer,
absorbtransientconversioncurrents,andminimizenoise.
External Reference with Internal Buffer
If more accuracy and/or lower drift is desired, REFIN can
be easily overdriven by an external reference since 20kΩ
of resistance separates the internal bandgap reference
output from the REFIN pin, as shown in Figure 11b. The
valid range of external reference voltage overdrive on the
REFIN pin is 1.25V to 2.2V, resulting in converter mas-
ter reference voltages VREFBUF between 2.5V and 4.4V,
respectively. Linear Technology offers a portfolio of high
performance references designed to meet the needs of
manyapplications.Withitssmallsize,lowpower,andhigh
accuracy,theLTC6655-2.048iswellsuitedforusewiththe
LTC2345-18 when overdriving the internal reference. The
LTC6655-2.048offers0.025%(maximum)initialaccuracy
and 2ppm/°C (maximum) temperature coefficient for high
precision applications. The LTC6655-2.048 is fully speci-
fied over the H-grade temperature range, complementing
the extended temperature range of the LTC2345-18 up to
125°C.BypassingtheLTC6655-2.048witha2.7µFto100µF
ceramic capacitor close to the REFIN pin is recommended.
External Reference with Disabled Internal Buffer
The internal reference buffer supports VREFBUF = 4.4V
maximum. By grounding REFIN, the internal buffer may
be disabled allowing REFBUF to be overdriven with an
external reference voltage between 2.5V and 5V, as shown
applicaTions inForMaTion
234518 F11a
47µF
6.5k
20k
LTC2345-18
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
0.1µF
234518 F11b
47µF
6.5k
20k
LTC2345-18
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
2.7µF
LTC6655-2.048
Figure 11a. Internal Reference with Internal Buffer Configuration
Figure 11b. External Reference with Internal Buffer Configuration


Similar Part No. - LTC6252

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6252 LINER-LTC6252 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6252 LINER-LTC6252 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC6252 LINER-LTC6252 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6252 LINER-LTC6252 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6252 AD-LTC6252 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
More results

Similar Description - LTC6252

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com