Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1857 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1857
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1857 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1857 Datasheet HTML 22Page - Linear Technology LTC1857 Datasheet HTML 23Page - Linear Technology LTC1857 Datasheet HTML 24Page - Linear Technology LTC1857 Datasheet HTML 25Page - Linear Technology LTC1857 Datasheet HTML 26Page - Linear Technology LTC1857 Datasheet HTML 27Page - Linear Technology LTC1857 Datasheet HTML 28Page - Linear Technology LTC1857 Datasheet HTML 29Page - Linear Technology LTC1857 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
LTC2358-16
26
Rev A
For more information www.analog.com
LTC6655-2.048offers0.025%(maximum)initialaccuracy
and 2ppm/°C (maximum) temperature coefficient for high
precision applications. The LTC6655-2.048 is fully speci-
fied over the H-grade temperature range, complementing
the extended temperature range of the LTC2358-16 up to
125°C.BypassingtheLTC6655-2.048witha2.7µFto100µF
ceramic capacitor close to the REFIN pin is recommended.
External Reference with Disabled Internal Buffer
The internal reference buffer supports VREFBUF = 4.4V
maximum. By grounding REFIN, the internal buffer may
be disabled allowing REFBUF to be overdriven with an
external reference voltage between 2.5V and 5V, as shown
in Figure 9c. Maximum input signal swing and SNR are
achieved by overdriving REFBUF using an external 5V
reference. The buffer feedback resistors load the REFBUF
pin with 13kΩ even when the reference buffer is disabled.
The LTC6655-5 offers the same small size, accuracy, drift,
and extended temperature range as the LTC6655-2.048,
and achieves a typical SNR of 94.8dB when paired with
the LTC2358-16. Bypass the LTC6655-5 to GND (Pin 20)
close to the REFBUF pin with at least a 47μF ceramic ca-
pacitor (X7R, 10V, 1210 size or X5R, 10V, 0805 size) to
absorb transient conversion currents and minimize noise.
The LTC2358-16 converter draws a charge (QCONV) from
the REFBUF pin during each conversion cycle. On short
time scales most of this charge is supplied by the external
REFBUF bypass capacitor, but on longer time scales all of
the charge is supplied by either the reference buffer, or
when the internal reference buffer is disabled, the external
reference. This charge draw corresponds to a DC current
equivalentofIREFBUF=QCONV • fSMPL,whichisproportional
to sample rate. In applications where a burst of samples
is taken after idling for long periods of time, as shown in
Figure 10, IREFBUF quickly transitions from approximately
0.4mA to 1.5mA (VREFBUF = 5V, fSMPL = 200kHz). This
current step triggers a transient response in the external
reference that must be considered, since any deviation in
VREFBUFaffectsconverteraccuracy.Ifanexternalreference
is used to overdrive REFBUF, the fast settling LTC6655
family of references is recommended.
Internal Reference Buffer Transient Response
Foroptimumperformanceinapplicationsemployingburst
sampling, the external reference with internal reference
bufferconfigurationshouldbeused.Theinternalreference
buffer incorporates a proprietary design that minimizes
movements in VREFBUF when responding to a burst of
conversions following an idle period. Figure 11 compares
the burst conversion response of the LTC2358-16 with an
input near full scale for two reference configurations. The
first configuration employs the internal reference buffer
with REFIN externally overdriven by an LTC6655-2.048,
while the second configuration disables the internal ref-
erence buffer and overdrives REFBUF with an external
LTC6655-4.096. In both cases REFBUF is bypassed to
GND with a 47µF ceramic capacitor.
INTERNAL REFERENCE BUFFER
EXTERNAL REFERENCE ON REFBUF
±10.24V RANGE
IN+ = 10V
IN= 0V
TIME (µs)
0
100
200
300
400
500
–5.0
–2.5
0
2.5
5.0
7.5
10.0
235816 F11
Figure 11. Burst Conversion Response of the LTC2358-16,
fSMPL = 200ksps
APPLICATIONS INFORMATION
CNV
IDLE
PERIOD
IDLE
PERIOD
235816 F10
Figure 10. CNV Waveform Showing Burst Sampling


Similar Part No. - LTC1857

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Technology
LTC1857 LINER-LTC1857 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1857 LINER-LTC1857 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1857 LINER-LTC1857 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1857 LINER-LTC1857 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2357-16 LINER-LTC2357-16 Datasheet
1Mb / 38P
   Buffered Quad, 16-Bit, 350ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2353-16 LINER-LTC2353-16 Datasheet
2Mb / 38P
   Buffered Dual, 16-Bit, 550ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2353-18 LINER-LTC2353-18 Datasheet
2Mb / 38P
   Buffered Dual, 18-Bit, 550ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com