Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC4251B Datasheet(PDF) 8 Page - Linear Technology

Part No. LTC4251B
Description  Negative Voltage Hot Swap Controllers in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC4251B Datasheet(HTML) 8 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
BLOCK DIAGRAM
+
4251b12 BD
+
+
+
VIN
VIN
VIN
VEE
VEE
VEE
VEE
VEE
VEE
VEE
5.8μA
5.8μA
22μA
VIN
VIN
58μA
230μA
TIMER
VOVHI
VUVLO
4V
1V
LOGIC
+
+
VEE
VEE
VOS = 10mV
200mV
+
0.5V
UV/OV*
OV**
UV
GATE
SENSE
6
1
2
3
5
4
5k
CB
FCL
50mV
+
ACL
*UV FOR THE LTC4251B-2
** THE OV COMPARATOR IS DISABLED FOR LTC4251B-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn