Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4235 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4235
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4235 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4235 Datasheet HTML 7Page - Linear Technology LTC4235 Datasheet HTML 8Page - Linear Technology LTC4235 Datasheet HTML 9Page - Linear Technology LTC4235 Datasheet HTML 10Page - Linear Technology LTC4235 Datasheet HTML 11Page - Linear Technology LTC4235 Datasheet HTML 12Page - Linear Technology LTC4235 Datasheet HTML 13Page - Linear Technology LTC4235 Datasheet HTML 14Page - Linear Technology LTC4235 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC4235
11
4235f
For more information www.linear.com/LTC4235
High availability systems often employ parallel-connected
powersuppliesorbatteryfeedstoachieveredundancyand
enhance system reliability. Power ORing diodes are com-
monlyusedtoconnectthesesuppliesatthepointofloadat
the expense of power loss due to significant diode forward
voltage drop. The LTC4235 minimizes this power loss by
using external N-channel MOSFETs as the pass elements,
allowing for a low voltage drop from the supply to the load
when the MOSFETs are turned on. When an input source
voltage drops below the output common supply voltage,
the appropriate MOSFET is turned off, thereby matching
the function and performance of an ideal diode. By adding
a current sense resistor and a Hot Swap MOSFET after
the parallel-connected ideal diode MOSFETs, the LTC4235
enhances the ideal diode performance with inrush current
limiting and overcurrent protection (see Figure 1). This
allows the board to be safely inserted and removed from
a live backplane without damaging the connector.
Internal VCC Supply
The LTC4235 operates with an input supply from 9V to
14V. The power supply to the device is internally regulated
at 5V by a low dropout regulator (LDO) with an output at
the INTVCC pin. An internal diode-OR circuit selects the
applicaTions inForMaTion
highest of the supplies at the IN and OUT pins to power the
devicethroughtheLDO.Thediode-ORschemepermitsthe
device’s power to be kept alive by the OUT voltage when
the IN supplies have collapsed or shut off.
AnundervoltagelockoutcircuitpreventsalloftheMOSFETs
from turning on until the INTVCC voltage exceeds 2.2V. A
0.1µF capacitor is recommended between the INTVCC and
GND pins, close to the device for bypassing. No external
supply should be connected at the INTVCC pin so as not
to affect the LDO’s operation. A small external load of less
than 500µA can be connected at the INTVCC pin.
Turn-On Sequence
The board power supply at the OUT pin is controlled
with external N-channel MOSFETs (MD1, MD2 and MH) in
Figure 1. The ideal diode MOSFETs connected in parallel
on the supply side function as a diode-OR, while MH on
the load side acts as a Hot Swap MOSFET controlling the
power supplied to the output load. The sense resistor RS
monitors the load current for overcurrent detection. The
HGATE capacitor CHG controls the gate slew rate to limit
the inrush current. Resistor RHG with CHG compensates
the current control loop, while RHpreventshighfrequency
oscillations in the Hot Swap MOSFET.
Figure 1. Card Resident Diode-OR with Hot Swap Application
BACKPLANE
CONNECTOR
VIN1
12V
VIN2
12V
CARD
CONNECTOR
CPO1
GND
ON
FAULT
PWRGD
IMON
ADC
CL
680µF
12V
7A
R1
2k
INTVCC
Z2
SMAJ15A
D2OFF
IN1 DGATE1
DGATE2
LTC4235
4235 F01
MD2
SiR158DP
MH
SiR158DP
RS
0.003
HGATE
OUT
SENSE+ SENSE
CPO2
C3
0.1µF
C4
0.1µF
IN2
+
R2
13.7k
R3
100k
R4
100k
RH
10
RHG
1k
CHG
10nF
REG
C2
0.1µF
C1
0.1µF
MD1
SiR158DP
EN
CFT
0.1µF
C5
0.1µF
Z1
SMAJ15A
FTMR


Similar Part No. - LTC4235

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4235 LINER-LTC4235 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4235

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com