Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1857 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1857
Description  Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1857 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1857 Datasheet HTML 15Page - Linear Technology LTC1857 Datasheet HTML 16Page - Linear Technology LTC1857 Datasheet HTML 17Page - Linear Technology LTC1857 Datasheet HTML 18Page - Linear Technology LTC1857 Datasheet HTML 19Page - Linear Technology LTC1857 Datasheet HTML 20Page - Linear Technology LTC1857 Datasheet HTML 21Page - Linear Technology LTC1857 Datasheet HTML 22Page - Linear Technology LTC1857 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
LTC2345-16
19
234516f
For more information www.linear.com/LTC2345-16
TiMing DiagraM
LVDS I/O Mode
CMOS I/O Mode
S23
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
S22 S21 S20 S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5
S3
S4
S1
S2
S0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 C2 C1 C0
C2 C1 C0
SS1
SS2
SS0 D15
CNV
CS = PD = 0
CONVERT
DON’T CARE
ACQUIRE
BUSY
SDO7
SCKO
SDO0
SCKI
SDI
DON’T CARE
SAMPLE N
SAMPLE N + 1
SoftSpan CONFIGURATION WORD FOR CONVERSION N + 1
CHANNEL 0
CONVERSION N
CHANNEL 1
CONVERSION N
CHANNEL 7
CONVERSION N
CHANNEL 0
CONVERSION N
234516 TD01
CONVERSION RESULT
CHANNEL ID SoftSpan
CONVERSIONRESULT
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0
SS1
SS2
SS0 D15
DON’T CARE
CONVERSION RESULT
CHANNEL ID SoftSpan
CONVERSIONRESULT
S23
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
25 26
24
S22 S21 S20 S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5
S3
S4
S1
S2
S0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0
SS1
SS2
SS0 D15 D14 D13
CNV
(CMOS)
CS = PD = 0
234516 TD02
CONVERT
DON’T CARE
ACQUIRE
BUSY
(CMOS)
SCKO
(LVDS)
SDO
(LVDS)
SCKI
(LVDS)
SDI
(LVDS)
DON’T CARE
SAMPLE N
SAMPLE
N + 1
SoftSpan CONFIGURATION WORD FOR CONVERSION N + 1
CHANNEL 0
CONVERSION N
CHANNEL 1
CONVERSION N
CHANNEL 7
CONVERSION N
CONVERSION RESULT
CHANNEL ID SoftSpan
186 187 188 189 190 191 192
0
SS1
SS2
SS0 D15
CHANNEL 0
CONVERSION N
CONVERSION
RESULT
CHANNEL ID SoftSpan
C2 C1 C0
C2 C1 C0


Similar Part No. - LTC1857

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Technology
LTC1857 LINER-LTC1857 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1857 LINER-LTC1857 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1857 LINER-LTC1857 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1857 LINER-LTC1857 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com