Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1858 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC1858
Description  Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1858 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC1858 Datasheet HTML 29Page - Linear Technology LTC1858 Datasheet HTML 30Page - Linear Technology LTC1858 Datasheet HTML 31Page - Linear Technology LTC1858 Datasheet HTML 32Page - Linear Technology LTC1858 Datasheet HTML 33Page - Linear Technology LTC1858 Datasheet HTML 34Page - Linear Technology LTC1858 Datasheet HTML 35Page - Linear Technology LTC1858 Datasheet HTML 36Page - Linear Technology LTC1858 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC2345-16
33
234516f
For more information www.linear.com/LTC2345-16
SCKO frequency is half that of SCKI. SCKI rising edges
alsolatchSoftSpanconfigurationwordsprovidedonSDI,
which are used to program the internal 24-bit SoftSpan
configuration register. See the section Programming the
SoftSpan Configuration Register in CMOS I/O Mode for
further details. SCKI is allowed to idle either high or low
in CMOS I/O mode. As shown in Figure 18, the CMOS
bus is enabled when CS is low and is disabled and Hi-Z
when CS is high, allowing the bus to be shared across
multiple devices.
The data on SDO0 to SDO7 are grouped into 24-bit
packets consisting of a 16-bit conversion result plus
2-bit trailing zero pad, 3-bit analog channel ID, and 3-bit
SoftSpan code, all presented MSB first. As suggested in
Figures 17 and 18, each SDO lane outputs these packets
for all analog input channels in a sequential, circular
manner. For example, the first 24-bit packet output on
SDO0 corresponds to analog input channel 0, followed
by the packets for channels 1 through 7. The data output
on SDO0 then wraps back to channel 0, and this pattern
repeats indefinitely. Other SDO lanes follow a similar
circular pattern, except the first packet presented on each
lane corresponds to its associated analog input channel.
When interfacing the LTC2345-16 with a standard SPI
bus, capture output data at the receiver on rising edges of
SCKI. SCKO is not used in this case. Multiple SDO lanes
are also usually not useful in this case. In other applica-
tions, such as interfacing the LTC2345-16 with an FPGA
or CPLD, rising and falling edges of SCKO may be used
to capture serial output data on SDO0 to SDO7 in double
data rate (DDR) fashion. Capturing data using SCKO adds
robustnesstodelayvariationsovertemperatureandsupply.
Full Eight Lane Serial CMOS Output Data Capture
As shown in Table 3, full 200ksps per channel throughput
canbeachievedwitha45MHzSCKIfrequencybycapturing
the first packet (24 SCKI cycles total) from all eight serial
data output lanes SDO0 to SDO7. This configuration also
allows conversion results from all channels to be captured
using as few as 16 SCKI cycles if the 3-bit analog channel
ID and 3-bit SoftSpan code are not needed and the device
SoftSpan configuration is not being changed. Multi-lane
data capture is usually best suited for use with FPGA
or CPLD capture hardware, but may be useful in other
application-specific cases.
Fewer Than Eight Lane Serial CMOS Output Data Capture
Applications that cannot accommodate the full eight lanes
of serial data capture may employ fewer lanes without
reconfiguring the LTC2345-16. For example, capturing
the first two packets (48 SCKI cycles total) from SDO0,
SDO2, SDO4, and SDO6 provides data for analog input
applicaTions inForMaTion
CS
PD = 0
DON’T CARE
BUSY
SDO7
SCKO
SDO0
SCKI
SDI
DON’T CARE
DON’T CARE
DON’T CARE
234516 F18
Hi-Z
Hi-Z
CHANNEL 0 PACKET
CHANNEL 1 PACKET
CHANNEL 2 PACKET
CHANNEL 3 PACKET
(PARTIAL)
Hi-Z
Hi-Z
Hi-Z
Hi-Z
CHANNEL 7 PACKET
CHANNEL 0 PACKET
CHANNEL 1 PACKET
CHANNEL 2 PACKET
(PARTIAL)
NEW SoftSpan CONFIGURATION WORD
(OVERWRITES INTERNAL CONFIG REGISTER)
TWO ALL-ZERO WORDS AND ONE PARTIAL WORD
(INTERNAL CONFIG REGISTER RETAINS CURRENT VALUE)
tEN
tDIS
Figure 18. Internal SoftSpan Configuration Register Behavior. Serial CMOS Bus Response to CS


Similar Part No. - LTC1858

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1858 LINEAR-LTC1858 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Technology
LTC1858 LINER-LTC1858 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1858

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com