Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1857 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1857
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1857 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1857 Datasheet HTML 24Page - Linear Technology LTC1857 Datasheet HTML 25Page - Linear Technology LTC1857 Datasheet HTML 26Page - Linear Technology LTC1857 Datasheet HTML 27Page - Linear Technology LTC1857 Datasheet HTML 28Page - Linear Technology LTC1857 Datasheet HTML 29Page - Linear Technology LTC1857 Datasheet HTML 30Page - Linear Technology LTC1857 Datasheet HTML 31Page - Linear Technology LTC1857 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LTC2335-16
28
233516f
For more information www.linear.com/LTC2335-16
conversions following an idle period. Figure 12 compares
the burst conversion response of the LTC2335-16 with an
input near full scale for two reference configurations. The
first configuration employs the internal reference buffer
with REFIN externally overdriven by an LTC6655-2.048,
while the second configuration disables the internal ref-
erence buffer and overdrives REFBUF with an external
LTC6655-4.096. In both cases REFBUF is bypassed to
GND with a 47µF ceramic capacitor.
Signal-to-Noise Ratio (SNR)
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC. Figure 13 shows
that the LTC2335-16 achieves a typical SNR of 94.4dB in
the ±10.24V range at a 1Msps sampling rate with a true
bipolar 2kHz input signal.
Total Harmonic Distortion (THD)
Totalharmonicdistortion(THD)istheratiooftheRMSsum
ofallharmonicsoftheinputsignaltothefundamentalitself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (fSMPL/2).
THD is expressed as:
THD
= 20log
V22 + V32 + V42...VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quencyandV2throughVNaretheamplitudesofthesecond
throughNthharmonics,respectively.Figure13showsthat
the LTC2335-16 achieves a typical THD of –109dB (N = 6)
in the ±10.24V range at a 1Msps sampling rate with a true
bipolar 2kHz input signal.
applicaTions inForMaTion
Figure 13. 32k Point FFT fSMPL = 1Msps, fIN = 2kHz
Figure 12. Burst Conversion Response of the
LTC2335-16, fSMPL = 1Msps 
DYNAMIC PERFORMANCE
Fast Fourier transform (FFT) techniques are used to test
the ADC’s frequency response, distortion, and noise at the
rated throughput. By applying a low distortion sine wave
and analyzing the digital output using an FFT algorithm,
the ADC’s spectral content can be examined for frequen-
cies outside the fundamental. The LTC2335-16 provides
guaranteed tested limits for both AC distortion and noise
measurements.
Signal-to-Noise and Distortion Ratio (SINAD)
The signal-to-noise and distortion ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the A/D output. The output is band-limited
to frequencies below half the sampling frequency, exclud-
ing DC. Figure 13 shows that the LTC2335-16 achieves a
typical SINAD of 94.3dB in the ±10.24V range at a 1Msps
sampling rate with a true bipolar 2kHz input signal.
EXTERNAL REFERNCE ON REFBUF
INTERNAL REFERENCE BUFFER
±10.24V RANGE
IN+ = 10V
IN= 0V
TIME (µs)
0
100
200
300
400
500
–1
0
1
2
3
233516 F12
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN= 0V)
SNR = 94.5dB
THD = –109dB
SINAD = 94.4dB
SFDR = 111dB
FREQUENCY (kHz)
0
100
200
300
400
500
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
233516 F13


Similar Part No. - LTC1857

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Technology
LTC1857 LINER-LTC1857 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1857 LINER-LTC1857 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1857 LINER-LTC1857 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1857 LINER-LTC1857 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com