Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2380-16 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2380-16
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2380-16 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2380-16 Datasheet HTML 5Page - Linear Technology LTC2380-16 Datasheet HTML 6Page - Linear Technology LTC2380-16 Datasheet HTML 7Page - Linear Technology LTC2380-16 Datasheet HTML 8Page - Linear Technology LTC2380-16 Datasheet HTML 9Page - Linear Technology LTC2380-16 Datasheet HTML 10Page - Linear Technology LTC2380-16 Datasheet HTML 11Page - Linear Technology LTC2380-16 Datasheet HTML 12Page - Linear Technology LTC2380-16 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2348-18
9
234818fa
For more information www.linear.com/LTC2348-18
Typical perForMance characTerisTics
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code
DC Histogram (Zero-Scale)
DC Histogram (Near Full-Scale)
Integral Nonlinearity
vs Output Code and Channel
Integral Nonlinearity
vs Output Code and Channel
Differential Nonlinearity
vs Output Code and Channel
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN= 0V)
ALL CHANNELS
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G01
±10.24V RANGE
FULLY DIFFERENTIAL DRIVE (IN= –IN+)
ALL CHANNELS
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G02
ALL RANGES
ALL CHANNELS
OUTPUT CODE
0
65536
131072
196608
262144
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
vs Output Code
Differential Nonlinearity
234818 G03
±10.24V AND ±10V
RANGES
±5.12V AND ±5V
RANGES
TRUE BIPOLAR DRIVE (IN= 0V)
ONE CHANNEL
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G04
±10.24V, ±10V,
±5.12V, AND ±5V
RANGES
FULLY DIFFERENTIAL DRIVE (IN= –IN+)
ONE CHANNEL
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G05
UNIPOLAR DRIVE (IN= 0V)
ONE CHANNEL
0V TO 5.12V
RANGE
0V TO 10.24V AND 0V TO 10V
RANGES
OUTPUT CODE
0
65536
131072
196608
262144
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G06
±10.24V RANGE
σ = 1.3
CODE
–6
–4
–2
0
2
4
6
0
10000
20000
30000
40000
50000
60000
70000
80000
90000
DC Histogram (Zero-Scale)
234818 G08
±10.24V RANGE
σ = 1.4
CODE
131056
131059
131062
131065
131068
0
10000
20000
30000
40000
50000
60000
70000
80000
90000
DC Histogram (Near Full–Scale)
234818 G09
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 200ksps, unless otherwise noted.
TRUE BIPOLAR DRIVE (IN= 0V)
±10.24V RANGE
ARBITRARY DRIVE
IN+/INCOMMON MODE
SWEPT –10.24V to 10.24V
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
vs Output Code
Integral Nonlinearity
234818 G07


Similar Part No. - LTC2380-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC2380-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com