Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6652 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6652
Description  18-Bit, 15Msps SAR ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 3 Page - Linear Technology

  LTC6652 Datasheet HTML 1Page - Linear Technology LTC6652 Datasheet HTML 2Page - Linear Technology LTC6652 Datasheet HTML 3Page - Linear Technology LTC6652 Datasheet HTML 4Page - Linear Technology LTC6652 Datasheet HTML 5Page - Linear Technology LTC6652 Datasheet HTML 6Page - Linear Technology LTC6652 Datasheet HTML 7Page - Linear Technology LTC6652 Datasheet HTML 8Page - Linear Technology LTC6652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2387-18
3
238718fa
For more information www.linear.com/LTC2387-18
converTer characTerisTics
DynaMic accuracy
inTernal reFerence characTerisTics
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 5, 10)
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
18
Bits
No Missing Codes
l
18
Bits
Transition Noise
1.4
LSBRMS
INL
Integral Linearity Error
REFBUF = 4.096V (Notes 7, 9)
l
–3
±0.6
3
LSB
DNL
Differential Linearity Error
l
–0.9
±0.2
0.9
LSB
ZSE
Zero-Scale Error
(Note 8)
l
–16
±1.5
16
LSB
Zero-Scale Error Drift
0.02
LSB/°C
FSE
Full-Scale Error
REFBUF = 4.096V (REFBUF Overdriven) (Notes 8, 9)
REFIN = 2.048V (REFIN Overdriven) (Note 8)
l
l
–25
–160
±5
±25
25
160
LSB
LSB
Full-Scale Error Drift
REFBUF = 4.096V (REFBUF Overdriven) (Note 9)
REFIN = 2.048V (REFIN Overdriven)
±0.1
±1.5
ppm/°C
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 2kHz
fIN = 1MHz
fIN = 5MHz
l
l
93
92.6
95.7
94.5
83
dB
dB
dB
SNR
Signal-to-Noise Ratio
fIN = 2kHz
fIN = 1MHz
fIN = 5MHz
l
l
93.2
93
96
95.7
94.6
dB
dB
dB
THD
Total Harmonic Distortion
(First Five Harmonics)
fIN = 2kHz
fIN = 1MHz
fIN = 5MHz
l
l
–117
–101
–83
–103
–96
dB
dB
dB
SFDR
Spurious Free Dynamic Range
fIN = 2kHz
fIN = 1MHz
fIN = 5MHz
l
l
103
97
119
102
84
dB
dB
dB
–3dB Input Bandwidth
200
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFIN
Internal Reference Output Voltage
IOUT = 0μA
2.043
2.048
2.053
V
VREFIN Temperature Coefficient
(Note 11)
l
±5
±20
ppm/°C
REFIN Output Impedance
15
VREFIN Line Regulation
VDD = 4.75V to 5.25V
0.3
mV/V
REFIN Input Voltage Range
(REFIN Overdriven) (Note 6)
l
2.008
2.048
2.088
V


Similar Part No. - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6652 LINER-LTC6652 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
LTC6652 LINER-LTC6652 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6652 LINER-LTC6652 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
LTC6360CMS8E LINER-LTC6360CMS8E_15 Datasheet
110Kb / 2P
   LTC6360 DRIVING 18 - BIT SAR ADC
LTC6362CMS8 LINER-LTC6362CMS8_15 Datasheet
109Kb / 2P
   LTC6362 DRIVING 18 - BIT SAR ADC
logo
Analog Devices
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
   18-Bit, 2 MSPS SAR ADC
REV. 0
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
LTC2341 LINER-LTC2341 Datasheet
485Kb / 10P
   16-/18-Bit, Dual 666ksps, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com