Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2380-16 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2380-16
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2380-16 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2380-16 Datasheet HTML 3Page - Linear Technology LTC2380-16 Datasheet HTML 4Page - Linear Technology LTC2380-16 Datasheet HTML 5Page - Linear Technology LTC2380-16 Datasheet HTML 6Page - Linear Technology LTC2380-16 Datasheet HTML 7Page - Linear Technology LTC2380-16 Datasheet HTML 8Page - Linear Technology LTC2380-16 Datasheet HTML 9Page - Linear Technology LTC2380-16 Datasheet HTML 10Page - Linear Technology LTC2380-16 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC2335-16
7
233516f
For more information www.linear.com/LTC2335-16
aDc TiMing characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
1
Msps
tCYC
Time Between Conversions
l
1
μs
tCONV
Conversion Time
l
450
500
550
ns
tACQ
Acquisition Time
(tACQ = tCYC – tCONV – tBUSYLH)
l
420
480
ns
tCNVH
CNV High Time
l
40
ns
tCNVL
CNV Low Time
l
420
ns
tBUSYLH
CNV
↑ to BUSY Delay
CL = 25pF
l
30
ns
tQUIET
Digital I/O Quiet Time from CNV
l
20
ns
tPDH
PD High Time
l
40
ns
tPDL
PD Low Time
l
40
ns
tWAKE
REFBUF Wake-Up Time
CREFBUF = 47μF, CREFIN = 0.1μF
200
ms
CMOS I/O Mode
tSCKI
SCKI Period
(Notes 17, 18)
l
10
ns
tSCKIH
SCKI High Time
l
4
ns
tSCKIL
SCKI Low Time
l
4
ns
tSSDISCKI
SDI Setup Time from SCKI
(Note 17)
l
2
ns
tHSDISCKI
SDI Hold Time from SCKI
(Note 17)
l
1
ns
tDSDOSCKI
SDO Data Valid Delay from SCKI
CL = 25pF (Note 17)
l
7.5
ns
tHSDOSCKI
SDO Remains Valid Delay from SCKI
CL = 25pF (Note 17)
l
1.5
ns
tSKEW
SDO to SCKO Skew
(Note 17)
l
–1
0
1
ns
tDSDOBUSYL SDO Data Valid Delay from BUSY↓
CL = 25pF (Note 17)
l
0
ns
tEN
Bus Enable Time After CS
(Note 17)
l
15
ns
tDIS
Bus Relinquish Time After CS
(Note 17)
l
15
ns
LVDS I/O Mode
tSCKI
SCKI Period
(Note 19)
l
4
ns
tSCKIH
SCKI High Time
(Note 19)
l
1.5
ns
tSCKIL
SCKI Low Time
(Note 19)
l
1.5
ns
tSSDISCKI
SDI Setup Time from SCKI
(Notes 11, 19)
l
1.2
ns
tHSDISCKI
SDI Hold Time from SCKI
(Notes 11, 19)
l
–0.2
ns
tDSDOSCKI
SDO Data Valid Delay from SCKI
(Notes 11, 19)
l
6
ns
tHSDOSCKI
SDO Remains Valid Delay from SCKI
(Notes 11, 19)
l
1
ns
tSKEW
SDO to SCKO Skew
(Note 11)
l
–0.4
0
0.4
ns
tDSDOBUSYL SDO Data Valid Delay from BUSY↓
(Note 11)
l
0
ns
tEN
Bus Enable Time After CS
l
50
ns
tDIS
Bus Relinquish Time After CS
l
15
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9)


Similar Part No. - LTC2380-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC2380-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com