Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2380-16 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2380-16
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2380-16 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2380-16 Datasheet HTML 13Page - Linear Technology LTC2380-16 Datasheet HTML 14Page - Linear Technology LTC2380-16 Datasheet HTML 15Page - Linear Technology LTC2380-16 Datasheet HTML 16Page - Linear Technology LTC2380-16 Datasheet HTML 17Page - Linear Technology LTC2380-16 Datasheet HTML 18Page - Linear Technology LTC2380-16 Datasheet HTML 19Page - Linear Technology LTC2380-16 Datasheet HTML 20Page - Linear Technology LTC2380-16 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC2323-16
17
232316fc
For more information www.linear.com/LTC2323-16
APPLICATIONS INFORMATION
External Reference
The internal reference buffer can also be overdriven from
1.25V to 5V with an external reference at REFOUT1,2
as shown in Figure 13 (b and c). To do so, REFINT must
be grounded to disable the reference buffer. A 55k inter-
nal resistance loads the REFOUT1,2 pins when the ref-
erence buffer is disabled. To maximize the input signal
swing and corresponding SNR, the LTC6655-5 is rec-
ommended when overdriving REFOUT. The LTC6655-5
offers the same small size, accuracy, drift and extended
temperature range as the LTC6655-4.096. By using a 5V
reference, a higher SNR can be achieved. We recommend
bypassing the LTC6655-5 with a parallel combination of
a 0.1µF (X7R, 0402 size) ceramic capacitor and a 10μF
ceramic capacitor (X5R, 0805 size) close to each of the
REFOUT1,2 and REFRTN1,2 pins.
Internal Reference Buffer Transient Response
The REFOUT1,2 pins of the LTC2323-16 draw charge
(QCONV) from the external bypass capacitors during each
conversion cycle. If the internal reference buffer is over-
driven, the external reference must provide all of this charge
with a DC current equivalent to IREF = QCONV/tCYC.
Thus, the DC current draw of REFOUT1,2 depends
on the sampling rate and output code. In applications
where a burst of samples is taken after idling for long
VDD
LTC2323-16
GND
232316 F13a
3.3V TO 5V
REFOUT2
REFOUT1
REFRTN1
REFRTN2
REFINT
0.1µF
10µF
0.1µF
10µF
VIN
SHDN
VOUT_F
VOUT_S
LTC6655-4.096
LTC2323-16
GND
232316 F13b
5V TO 13.2V
REFOUT2
REFOUT1
REFRTN1
REFRTN2
REFINT
0.1µF
0.1µF
10µF
0.1µF
10µF
VIN
SHDN
VOUT_F
VOUT_S
LTC6655-4.096
VIN
SHDN
VOUT_F
VOUT_S
LTC6655-2.048
LTC2323-16
GND
232316 F13c
5V TO 13.2V
REFOUT2
REFOUT1
REFRTN1
REFRTN2
REFINT
0.1µF
0.1µF
0.1µF
10µF
0.1µF
10µF
(13a) LTC2323-16 Internal Reference Circuit
(13b) LTC2323-16 with a Shared External Reference Circuit
(13c) LTC2323-16 with Different External Reference Voltages
Figure 13. Reference Connections


Similar Part No. - LTC2380-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC2380-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14_15 Datasheet
1Mb / 24P
   Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
   Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
   Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-12 LINER-LTC2321-12_15 Datasheet
995Kb / 26P
   Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com