Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2348-16 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2348-16
Description  Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2348-16 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2348-16 Datasheet HTML 19Page - Linear Technology LTC2348-16 Datasheet HTML 20Page - Linear Technology LTC2348-16 Datasheet HTML 21Page - Linear Technology LTC2348-16 Datasheet HTML 22Page - Linear Technology LTC2348-16 Datasheet HTML 23Page - Linear Technology LTC2348-16 Datasheet HTML 24Page - Linear Technology LTC2348-16 Datasheet HTML 25Page - Linear Technology LTC2348-16 Datasheet HTML 26Page - Linear Technology LTC2348-16 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC2348-16
23
234816fa
For more information www.linear.com/LTC2348-16
applicaTions inForMaTion
SFDR = 119dB
SNR = 94.4dB
±10.24V RANGE
6.2kHz
FREQUENCY (kHz)
0
20
40
60
80
100
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
234816 F06b
Arbitrary Drive
Figure 6b. Two-Tone Test. IN+ = –7dBFS 2kHz Sine, IN= –7dBFS
3.1kHz Sine, 32k Point FFT, fSMPL = 200ksps. Circuit Shown in
Figure 6a with LT1469 Amplifiers, RFILT = 49.9Ω, CFILT = 1000pF
SNR = 94.4dB
THD = –119dB
SINAD = 94.4dB
SFDR = 121dB
±10.24V RANGE
FREQUENCY (kHz)
0
20
40
60
80
100
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
Fully Differential Drive
234816 F06c
Figure 6c. IN+/IN= –1dBFS 2kHz Fully Differential Sine,
VCM = 0V, 32k Point FFT, fSMPL = 200ksps. Circuit Shown in
Figure 6a with LT1469 Amplifiers, RFILT = 49.9Ω, CFILT = 1000pF
–15V
–15V
15V
15V
LTC2348-16
234816 F06a
ONLY CHANNEL 0 SHOWN FOR CLARITY
+5V
0V
–5V
FULLY
DIFFERENTIAL
+10V
0V
–10V
TRUE BIPOLAR
+10V
0V
–10V
ARBITRARY
+10V
0V
–10V
UNIPOLAR
+
0.1µF
0.1µF
0.1µF
47µF
IN0+
IN0
AMPLIFIER
AMPLIFIER
VCC
REFIN
REFBUF
VEE
OPTIONAL
LOWPASS FILTERS
CFILT
CFILT
RFILT
RFILT
IN+
IN–
Figure 6a. Buffering Arbitrary, Fully Differential, True Bipolar, and Unipolar Signals. See Table 2 For
Recommended Amplifier and Filter Combinations
SNR = 94.4dB
THD = –109dB
SINAD = 94.3dB
SFDR = 110dB
±10.24V RANGE
FREQUENCY (kHz)
0
20
40
60
80
100
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
True Bipolar Drive
234816 F06d
Figure 6d. IN+ = –1dBFS 2kHz True Bipolar Sine, IN= 0V, 32k
Point FFT, fSMPL = 200ksps. Circuit Shown in Figure 6a with
LT1469 Amplifiers, RFILT = 49.9Ω, CFILT = 1000pF
SNR = 90.1dB
THD = –111dB
SINAD = 90.1dB
SFDR = 112dB
0V TO 10.24V RANGE
FREQUENCY (kHz)
0
20
40
60
80
100
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
Unipolar Drive
234816 F06e
Figure 6e. IN+ = –1dBFS 2kHz Unipolar Sine, IN= 0V,
32k Point FFT, fSMPL = 200ksps. Circuit Shown in Figure 6a
with LT1469 Amplifiers, RFILT = 49.9Ω, CFILT = 1000pF


Similar Part No. - LTC2348-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2348-16 LINER-LTC2348-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2348-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com