Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2311-12 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2311-12
Description  Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2311-12 Datasheet(HTML) 2 Page - Linear Technology

  LTC2311-12 Datasheet HTML 1Page - Linear Technology LTC2311-12 Datasheet HTML 2Page - Linear Technology LTC2311-12 Datasheet HTML 3Page - Linear Technology LTC2311-12 Datasheet HTML 4Page - Linear Technology LTC2311-12 Datasheet HTML 5Page - Linear Technology LTC2311-12 Datasheet HTML 6Page - Linear Technology LTC2311-12 Datasheet HTML 7Page - Linear Technology LTC2311-12 Datasheet HTML 8Page - Linear Technology LTC2311-12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC2325-16
2
232516fa
For more information www.linear.com/LTC2325-16
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................3V
Analog Input Voltage
AIN+, AIN– (Note 3)................... –0.3V to (VDD + 0.3V)
REFOUT1,2,3,4........................ .–0.3V to (VDD + 0.3V)
CNV........................................ –0.3V to (OVDD + 0.3V)
Digital Input Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Digital Output Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Operating Temperature Range
LTC2325C ................................................ 0°C to 70°C
LTC2325I .............................................–40°C to 85°C
LTC2325H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
16
15
17 18 19
TOP VIEW
53
GND
UKG PACKAGE
52-LEAD (7mm × 8mm) PLASTIC QFN
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
34
35
36
37
38
39
40
8
7
6
5
4
3
2
1
AIN4–
AIN4+
GND
AIN3–
AIN3+
REFOUT3
GND
REF
REFOUT2
AIN2–
AIN2+
GND
AIN1–
AIN1+
DNC/SDOD
SDO4/SDOD+
GND
OVDD
DNC/SDOC
SDO3/SDOC+
CLKOUTEN/CLKOUT
CLKOUT/CLKOUT+
GND
OVDD
DNC/SDOB
SDO2/SDOB+
DNC/SDOA
SDO1/SDOA+
32
31
30
29
28
27
9
10
11
12
13
14
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2325CUKG-16#PBF
LTC2325CUKG-16#TRPBF
2325UKG-16
52-Lead (7mm × 8mm) Plastic QFN
0°C to 70°C
LTC2325IUKG-16#PBF
LTC2325IUKG-16#TRPBF
2325UKG-16
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 85°C
LTC2325HUKG-16#PBF
LTC2325HUKG-16#TRPBF
2325UKG-16
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC2325-16#orderinfo


Similar Part No. - LTC2311-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2311-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
   12-Bit, 5Msps, Sampling ADC
logo
Analog Devices
AD7389-4 AD-AD7389-4 Datasheet
611Kb / 31P
   Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
Rev. 0
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
   Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
Rev. 0
logo
Linear Technology
LTC2320-12 LINER-LTC2320-12 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
logo
Analog Devices
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com