Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2311-14 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2311-14
Description  Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2311-14 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2311-14 Datasheet HTML 16Page - Linear Technology LTC2311-14 Datasheet HTML 17Page - Linear Technology LTC2311-14 Datasheet HTML 18Page - Linear Technology LTC2311-14 Datasheet HTML 19Page - Linear Technology LTC2311-14 Datasheet HTML 20Page - Linear Technology LTC2311-14 Datasheet HTML 21Page - Linear Technology LTC2311-14 Datasheet HTML 22Page - Linear Technology LTC2311-14 Datasheet HTML 23Page - Linear Technology LTC2311-14 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC2325-16
20
232516fa
For more information www.linear.com/LTC2325-16
APPLICATIONS INFORMATION
Input Filtering
The noise and distortion of the buffer amplifier and signal
sourcemustbeconsideredsincetheyaddtotheADCnoise
and distortion. Noisy input signals should be filtered prior
to the buffer amplifier input with a low bandwidth filter
to minimize noise. The simple 1-pole RC lowpass filter
shown in Figure 12 is sufficient for many applications.
The sampling switch on-resistance (RON) and the sample
capacitor (CIN) form a second lowpass filter that limits
the input bandwidth to the ADC core to 110MHz. A buffer
amplifier with a low noise density must be selected to
minimize the degradation of the SNR over this bandwidth.
High quality capacitors and resistors should be used in the
RCfilterssincethesecomponentscanadddistortion.NPO
and silver mica type dielectric capacitors have excellent
linearity. Carbon surface mount resistors can generate
distortion from self heating and from damage that may
occurduringsoldering.Metalfilmsurfacemountresistors
are much less susceptible to both problems.
25
25
220pF
VREF
0V
VREF
0V
VREF
0V
VREF
0V
ONLY CHANNEL 1 SHOWN FOR CLARITY
+
+
LTC2325-16
LT1819
232516 F10
SDO1
REF
REFOUT1
CLKOUT
AIN1–
AIN1+
SCK
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1µF
10µF
232516 F11
–VREF
–16385
16384
–32768
32767
VREF
AIN
(AIN+ – AIN–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0
Figure 10. Fully-Differential Application Circuit
Figure 11. Fully-Differential Transfer Function


Similar Part No. - LTC2311-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2311-14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
   12-Bit, 5Msps, Sampling ADC
logo
Analog Devices
AD7389-4 AD-AD7389-4 Datasheet
611Kb / 31P
   Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
Rev. 0
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
   Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
Rev. 0
logo
Linear Technology
LTC2320-12 LINER-LTC2320-12 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
logo
Analog Devices
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com