Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2H80015D Datasheet(PDF) 9 Page - Cree, Inc

Part # CG2H80015D
Description  15 W, 8.0 GHz, GaN HEMT Die
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CG2H80015D Datasheet(HTML) 9 Page - Cree, Inc

  CG2H80015D Datasheet HTML 1Page - Cree, Inc CG2H80015D Datasheet HTML 2Page - Cree, Inc CG2H80015D Datasheet HTML 3Page - Cree, Inc CG2H80015D Datasheet HTML 4Page - Cree, Inc CG2H80015D Datasheet HTML 5Page - Cree, Inc CG2H80015D Datasheet HTML 6Page - Cree, Inc CG2H80015D Datasheet HTML 7Page - Cree, Inc CG2H80015D Datasheet HTML 8Page - Cree, Inc CG2H80015D Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
CG2H80015D Rev 0.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Disclaimer
Specificationsaresubjecttochangewithoutnotice.Cree,Inc.believestheinformationcontainedwithinthisdatasheettobeaccurate
and reliable. However, no responsibility is assumed by Cree for its use or for any infringement of patents or other rights of third parties
which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Cree. Cree makes
no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. “Typical” parameters are the
average values expected by Cree in large quantities and are provided for information purposes only. These values can and do vary in
different applications, and actual performance can vary over time. All operating parameters should be validated by customer’s technical
experts for each application. Cree products are not designed, intended, or authorized for use as components in applications intended for
surgical implant into the body or to support or sustain life, in applications in which the failure of the Cree product could result in personal
injuryordeath,orinapplicationsfortheplanning,construction,maintenanceordirectoperationofanuclearfacility.CREEandtheCREE
logo are registered trademarks of Cree, Inc.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/RF
Sarah Miller
Marketing
Cree, RF Components
1.919.407.5302
Ryan Baker
Marketing & Sales
Cree, RF Components
1.919.407.7816
Tom Dekker
Sales Director
Cree, RF Components
1.919.407.5639


Similar Part No. - CG2H80015D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CG2H80015D WOLFSPEED-CG2H80015D Datasheet
1Mb / 9P
   15 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
More results

Similar Description - CG2H80015D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CG2H80015D WOLFSPEED-CG2H80015D Datasheet
1Mb / 9P
   15 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
logo
Cree, Inc
CG2H80030D CREE-CG2H80030D Datasheet
824Kb / 5P
   30 W, 8.0 GHz, GaN HEMT Die
CG2H80060D CREE-CG2H80060D Datasheet
594Kb / 8P
   60 W, 8.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H80060D WOLFSPEED-CG2H80060D Datasheet
1Mb / 8P
   60 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
CG2H80030D WOLFSPEED-CG2H80030D Datasheet
1Mb / 9P
   30 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CG2H80120D WOLFSPEED-CG2H80120D Datasheet
1Mb / 8P
   120 W, 8.0 GHz, GaN HEMT Die
Rev. 0.3, 2022-11-3
logo
Cree, Inc
CGH80030D CREE-CGH80030D Datasheet
1Mb / 5P
   30 W, 8.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H80045D WOLFSPEED-CG2H80045D Datasheet
1Mb / 8P
   45 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH60015D CREE-CGH60015D Datasheet
544Kb / 8P
   15 W, 6.0 GHz, GaN HEMT Die
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com