Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1678IS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1678IS8
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1678IS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1678IS8 Datasheet HTML 7Page - Linear Technology LT1678IS8 Datasheet HTML 8Page - Linear Technology LT1678IS8 Datasheet HTML 9Page - Linear Technology LT1678IS8 Datasheet HTML 10Page - Linear Technology LT1678IS8 Datasheet HTML 11Page - Linear Technology LT1678IS8 Datasheet HTML 12Page - Linear Technology LT1678IS8 Datasheet HTML 13Page - Linear Technology LT1678IS8 Datasheet HTML 14Page - Linear Technology LT1678IS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1678/LT1679
11
sn16789 16789fs
Rail-to-Rail Operation
To take full advantage of an input range that can exceed
the supply, the LT1678/LT1679 are designed to eliminate
phase reversal. Referring to the photographs shown in
Figure 1, the LT1678/LT1679 are operating in the fol-
lower mode (AV = +1) at a single 3V supply. The output
of the LT1678/LT1679 clips cleanly and recovers with no
phase reversal. This has the benefit of preventing lock-up
in servo systems and minimizing distortion components.
input and a current, limited only by the output short-circuit
protection, will be drawn by the signal generator. With
RF ≥ 500Ω, the output is capable of handling the current
requirements (IL ≤ 20mA at 10V) and the amplifier stays
in its active mode and a smooth transition will occur.
As with all operational amplifiers when RF > 2k, a pole will
be created with RF and the amplifier’s input capacitance,
creating additional phase shift and reducing the phase
margin. A small capacitor (20pF to 50pF) in parallel with RF
will eliminate this problem.
APPLICATIO S I FOR ATIO
Figure 1. Voltage Follower with Input Exceeding the Supply
Voltage (VS = 3V)
Input = –0.5V to 3.5V
LT1678 Output
Figure 2. Pulsed Operation
Noise Testing
The 0.1Hz to 10Hz peak-to-peak noise of the LT1678/
LT1679 are measured in the test circuit shown (Figure 3).
The frequency response of this noise tester (Figure 4)
indicates that the 0.1Hz corner is defined by only one zero.
The test time to measure 0.1Hz to 10Hz noise should not
exceed ten seconds, as this time limit acts as an additional
zero to eliminate noise contributions from the frequency
band below 0.1Hz.
Measuring the typical 90nV peak-to-peak noise perfor-
mance of the LT1678/LT1679 requires special test pre-
cautions:
1. The device should be warmed up for at least five
minutes. As the op amp warms up, its offset voltage
changes typically 3µV due to its chip temperature
increasing 10°C to 20°C from the moment the power
supplies are turned on. In the ten-second measurement
interval these temperature-induced effects can easily
exceed tens of nanovolts.
2. For similar reasons, the device must be well shielded
from air currents to eliminate the possibility of
thermoelectric effects in excess of a few nanovolts,
which would invalidate the measurements.
16789 F01a
3
2
1
–0.5
0
50µs/DIV
16789 F01b
3
2
1
–0.5
0
50µs/DIV
16789
F02
LT1678
RF
OUTPUT
6V/µs
Unity-Gain Buffer Application
When RF ≤ 100Ω and the input is driven with a fast, large-
signal pulse (>1V), the output waveform will look as
shown in the pulsed operation diagram (Figure 2).
During the fast feedthrough-like portion of the output, the
input protection diodes effectively short the output to the


Similar Part No. - LT1678IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1678 LINER-LT1678 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT1678 LINER-LT1678 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results

Similar Description - LT1678IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com