Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2H40010 Datasheet(PDF) 4 Page - Cree, Inc

Part # CG2H40010
Description  10 W, DC - 6 GHz, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CG2H40010 Datasheet(HTML) 4 Page - Cree, Inc

  CG2H40010 Datasheet HTML 1Page - Cree, Inc CG2H40010 Datasheet HTML 2Page - Cree, Inc CG2H40010 Datasheet HTML 3Page - Cree, Inc CG2H40010 Datasheet HTML 4Page - Cree, Inc CG2H40010 Datasheet HTML 5Page - Cree, Inc CG2H40010 Datasheet HTML 6Page - Cree, Inc CG2H40010 Datasheet HTML 7Page - Cree, Inc CG2H40010 Datasheet HTML 8Page - Cree, Inc CG2H40010 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
CG2H40010 Rev 1.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Figure 3. - Swept CW Data of CG2H40010F vs. Output Power
Measured in CG2H40010-AMP at 3.7 GHz
V
DD = 28 V, IDQ = 100 mA
Figure 4. - Simulated Maximum Available Gain and K Factor of CG2H40010F
V
DD = 28 V, IDQ = 100 mA
10
20
30
40
50
60
70
80
10
11
12
13
14
15
16
17
31
32
33
34
35
36
37
38
39
40
41
42
43
Pout (dBm)
Swept CW Data of CGH40010F vs. Output Power
Meassured in CG2H40010-AMP
3.7 GHz, Vdd = 28V, Idq = 100mA
Gain
Drain Eff
0.0
0.4
0.8
1.2
1.6
2.0
10
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Simulated Maximum Available Gain and K Factor of the CG2H40010F
Vdd = 28V, Idq = 100mA
Gmax
K


Similar Part No. - CG2H40010

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CG2H40010 WOLFSPEED-CG2H40010 Datasheet
1Mb / 14P
   10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7
More results

Similar Description - CG2H40010

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CG2H40010 WOLFSPEED-CG2H40010 Datasheet
1Mb / 14P
   10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7
logo
Cree, Inc
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
   6 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40006P WOLFSPEED-CGH40006P Datasheet
3Mb / 14P
   6 W, RF Power GaN HEMT
Rev. 3.3, 2022-11-1
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40010 CREE-CGH40010_15 Datasheet
1Mb / 15P
   10 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40035 WOLFSPEED-CGH40035 Datasheet
3Mb / 14P
   35 W, DC - 4 GHz, RF Power GaN HEMT
Rev. 4.2, 2022-11-17
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
logo
Cree, Inc
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
   45 W, DC - 4 GHz RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com