Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6652 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6652
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 2 Page - Linear Technology

  LTC6652 Datasheet HTML 1Page - Linear Technology LTC6652 Datasheet HTML 2Page - Linear Technology LTC6652 Datasheet HTML 3Page - Linear Technology LTC6652 Datasheet HTML 4Page - Linear Technology LTC6652 Datasheet HTML 5Page - Linear Technology LTC6652 Datasheet HTML 6Page - Linear Technology LTC6652 Datasheet HTML 7Page - Linear Technology LTC6652 Datasheet HTML 8Page - Linear Technology LTC6652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2320-12
2
Rev B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................3V
Analog Input Voltage
AIN+, AIN– (Note 3)................... –0.3V to (VDD + 0.3V)
REFOUT1,2,3,4........................ .–0.3V to (VDD + 0.3V)
CNV........................................ –0.3V to (OVDD + 0.3V)
Digital Input Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Digital Output Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Operating Temperature Range
LTC2320C................................................ 0°C to 70°C
LTC2320I .............................................–40°C to 85°C
LTC2320H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
16
15
17 18 19
TOP VIEW
53
GND
UKG PACKAGE
52-LEAD (7mm × 8mm) PLASTIC QFN
TJMAX = 150°C, θJA = 31°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
34
35
36
37
38
39
40
8
7
6
5
4
3
2
1
AIN6–
AIN6+
GND
AIN5–
AIN5+
REFOUT3
GND
REF
REFOUT2
AIN4–
AIN4+
GND
AIN3–
AIN3+
SDO8/SDOD
SDO7/SDOD+
GND
OVDD
SDO6/SDOC
SDO5/SDOC+
CLKOUTEN/CLKOUT
CLKOUT/CLKOUT+
GND
OVDD
SDO4/SDOB
SDO3/SDOB+
SDO2/SDOA
SDO1/SDOA+
32
31
30
29
28
27
9
10
11
12
13
14
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2320CUKG-12#PBF
LTC2320CUKG-12#TRPBF
LTC2320UKG-12
52-Lead (7mm × 8mm) Plastic QFN
0°C to 70°C
LTC2320IUKG-12#PBF
LTC2320IUKG-12#TRPBF
LTC2320UKG-12
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 85°C
LTC2320HUKG-12#PBF
LTC2320HUKG-12#TRPBF
LTC2320UKG-12
52-Lead (7mm × 8mm) Plastic QFN
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC2320-12#orderinfo


Similar Part No. - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC6652 LINER-LTC6652 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
LTC6652 LINER-LTC6652 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6652 LINER-LTC6652 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Linear Technology
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com