Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2H30070F Datasheet(PDF) 10 Page - Cree, Inc

Part # CG2H30070F
Description  70 W, 0.5??.0 GHz, 28 V, RF Power GaN HEMT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CG2H30070F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CG2H30070F Datasheet HTML 5Page - Cree, Inc CG2H30070F Datasheet HTML 6Page - Cree, Inc CG2H30070F Datasheet HTML 7Page - Cree, Inc CG2H30070F Datasheet HTML 8Page - Cree, Inc CG2H30070F Datasheet HTML 9Page - Cree, Inc CG2H30070F Datasheet HTML 10Page - Cree, Inc CG2H30070F Datasheet HTML 11Page - Cree, Inc CG2H30070F Datasheet HTML 12Page - Cree, Inc CG2H30070F Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
CG2H30070 Rev 1.3
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CG2H30070F-AMP2 Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
C11, C26
CAP, 39 pF, ±5%, 250V, 0805, ATC600F
2
C8, C23
CAP, 22 pF, ±5%, 250V, 0805, ATC600F
2
C3, C18
CAP, 39 pF, ±5%, 0603, ATC
2
C14, C29
CAP, 33000PF, 0805, 100V, X7R
2
C15, C30
CAP, 10UF, 16V TANTALUM
2
C13, C9, C10, C28, C24, C25
CAP, 240pF, ±5%, 250V, 0805, ATC600F
6
C6, C7, C31, C32, C21, C22, C33, C34
CAP, 0.2pF, ±0.05%pF, 250V, 0805, ATC600F
8
C4, C5, C19, C20
DO NOT PLACE
0
C1, C2, C16, C17
CAP, 3.9pF, ±0.1pF, 0603, ATC
4
R2, R3, R6, R7
RES, 7 OHM, 0805, HIGH POWER SMT, IMS
4
R1, R5
RES, 175 OHM, 0805, HIGH POWER SMT, IMS
2
R4, R8
RES, 5 OHM, 0603, SMT
2
C12, C27
CAP, 33 UF, 20%, 100V, ELEC
2
J1, J2, J4, J5
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE, BLUNT POST, 20 MIL
4
J3, J6
HEADER RT>PLZ .1CEN LK 9POS
2
PCB, RO6035HTC, 3.6”x4.8”x0.10”, CG2H30070F
1
BASEPLATE, AI, 4.8x3.6x0.5
CG2H30070F-AMP2 Demonstration Amplifier Circuit


Similar Part No. - CG2H30070F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
   70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
More results

Similar Description - CG2H30070F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
   70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
logo
Cree, Inc
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
   2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
CGHV59070 CREE-CGHV59070 Datasheet
915Kb / 10P
   70 W, 4.4-5.9 GHz, 50 V, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV59070 WOLFSPEED-CGHV59070 Datasheet
2Mb / 14P
   70 W, 4.4 - 5.9 GHz, 50 V, RF Power GaN HEMT
Rev. 2.7, 2022-12-8
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
   120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
logo
Cree, Inc
CGHV1J070D CREE-CGHV1J070D Datasheet
784Kb / 9P
   70 W, 18.0 GHz, GaN HEMT Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com