Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3765 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3765
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3765 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3765 Datasheet HTML 2Page - Linear Technology LTC3765 Datasheet HTML 3Page - Linear Technology LTC3765 Datasheet HTML 4Page - Linear Technology LTC3765 Datasheet HTML 5Page - Linear Technology LTC3765 Datasheet HTML 6Page - Linear Technology LTC3765 Datasheet HTML 7Page - Linear Technology LTC3765 Datasheet HTML 8Page - Linear Technology LTC3765 Datasheet HTML 9Page - Linear Technology LTC3765 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LT8311
6
8311f
For more information www.linear.com/LT8311
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VINTVCC = 8V, PMODE = 5V, CCG = CFG = 100pF, unless
otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Mode (Tie PMODE to INTVCC)
SYNC High Trip Voltage
SYNC Ramp Up
Hysteresis
l
0.9
1.2
–2.4
1.5
V
V
SYNC Low Trip Voltage
SYNC Ramp Down
Hysteresis
l
–1.5
–1.2
2.4
–0.9
V
V
SYNC Minimum Pulse Width
SYNC = 0V to ±2V Pulse
SYNC = 0V to ±6V Pulse (Note 5)
l
40
20
100
ns
ns
SYNC Input Current
–3.5V < SYNC < 3.5V
SYNC = ±10V (Note 6, 7)
l
300
±1
400
µA
µA
SYNC Propagation Delay To CG/FG
Outputs
SYNC Rising Edge (0V to 2V) to CG Rising Edge (Note 8)
SYNC Rising Edge (0V to 6V) to CG Rising Edge (Notes 5, 8)
SYNC Falling Edge (0V to 2V) to FG Rising Edge (Note 8)
SYNC Falling Edge (0V to 6V) to FG Rising Edge (Notes 5, 8),
CCG = CFG = 3.3nF
l
l
100
75
100
85
150
150
ns
ns
ns
ns
TIMER Timeout Frequency
RTIMER = 41.2k
RTIMER = 71.5k
RTIMER = 221k
l
l
l
425
255
80
505
300
100
585
345
120
kHz
kHz
kHz
TIMER Short-Circuit Current
TIMER = 0V
l
40
60
µA
Current Comparator
Current Comparator Trip Threshold
CSP Ramp Up, RCSP = RCSN = 0Ω
l
48
62
72
mV
CSP Ramp Up, RCSP = RCSN = 1.62kΩ (Note 5)
0
mV
Current Comparator Blank Time in
Preactive Mode
From Rising CG Edge Until Blanking Ends (Note 5)
250
ns
Current Comparator Blank Time in
SYNC Mode
From Rising CG Edge Until Blanking Ends
400
ns
CSP Current at Low CSP Voltage
CSP = 0V (Note 6)
l
30
38
50
µA
CSP Current at High CSP Voltage
CSP = 150V (Note 7)
l
200
500
µA
CSN Current
CSN = 0V (Note 6)
l
0.1
1
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8311 is tested under pulsed load conditions such that
TJ ~ TA. The LT8311E is guaranteed to meet specifications from 0°C to
125°C junction temperature. Specifications over the –40°C to 125°C
operating junction temperature are assured by design, characterization and
correlation with statistical process controls. The LT8311I is guaranteed
over the –40°C to 125°C operating junction temperature range. The
LT8311H is guaranteed over the –40°C to 150°C operating junction
temperature range, and the LT8311MP is guaranteed over the –55°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes; operating lifetime is derated for junction
temperatures greater than 125°C.
Note 3: The LT8311 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature is active. Continuous operating above the specified
maximum operating junction temperature may impair device reliability.
Note 4: Rise and fall times of are measured between 10% and 90% points
of a signal edge.
Note 5: Guaranteed by design and/or correlation to static test.
Note 6: Current flows out of pin.
Note 7: Current flows into pin.
Note 8: Propagation delay is measured between 50% point of the two
signal edges of interest.
Note 9: SS charge current refers to current flowing out of SS pin after
certain conditions satisfied upon LT8311 wake-up (see the flowchart for
Opto-Control Operation at Start-Up in Figure 9).
Note 10: CSW is a square waveform (duty cycle = 50%) with VHIGH = 7V
and VLOW = –0.7V.


Similar Part No. - LTC3765

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3765 LINER-LTC3765 Datasheet
526Kb / 12P
   360W Isolated Forward Converter with Synchronous Rectification
logo
Analog Devices
LTC3765 AD-LTC3765 Datasheet
2Mb / 52P
   Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
logo
Linear Technology
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
   Active Clamp Forward Controller and Gate Driver
More results

Similar Description - LTC3765

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8311 LINER-LT8311_15 Datasheet
732Kb / 48P
   Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
LTC3900 LINER-LTC3900_1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3900 LINER-LTC3900 Datasheet
198Kb / 12P
   Synchronous Rectifier Driver for Forward Converters
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
logo
Zetex Semiconductors
ZXGD3101T8 ZETEX-ZXGD3101T8 Datasheet
917Kb / 14P
   Synchronous rectifier controller for flyback converters
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
logo
Linear Technology
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
logo
ON Semiconductor
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com