Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6256 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6256
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6256 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6256 Datasheet HTML 3Page - Linear Technology LTC6256 Datasheet HTML 4Page - Linear Technology LTC6256 Datasheet HTML 5Page - Linear Technology LTC6256 Datasheet HTML 6Page - Linear Technology LTC6256 Datasheet HTML 7Page - Linear Technology LTC6256 Datasheet HTML 8Page - Linear Technology LTC6256 Datasheet HTML 9Page - Linear Technology LTC6256 Datasheet HTML 10Page - Linear Technology LTC6256 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6020/LT6020-1
7
60201fa
For more information www.linear.com/LT6020
Typical perForMance characTerisTics
Typical Distribution of Input
Offset Voltage
Voltage Offset Shift vs Lead Free
IR Reflow
Offset Voltage vs Supply Voltage
Typical Distribution of Input
Offset Voltage Drift
Offset Voltage vs Input Common
Mode Voltage
Typical Distribution of Input
Offset Voltage
Typical Distribution of Input
Offset Voltage
Warm-Up Drift
TA = 25°C, VS = ±15V, RL = 100kΩ, unless
otherwise specified.
INPUT OFFSET VOLTAGE (µV)
–30
1400
1200
1000
800
600
400
200
0
20
60201 G31
30
–10
–20
10
0
2932 PARTS
MS8 PACKAGE
INPUT OFFSET VOLTAGE (µV)
–70 –50 –30
4000
1500
1000
2500
2000
3500
3000
500
0
60201 G32
70
30
50
–10
10
0
14930 PARTS
DD8 AND DD10 PACKAGES
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.80
40
15
10
25
20
35
30
5
0
60201 G33
0.40
0
0.20
–0.60
–0.20
–0.40
144 UNITS
DD8 AND DD10
PACKAGES
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.50
100
40
50
60
70
80
90
10
20
30
0
60201 G34
0.10
–0.10
0
–0.40
–0.20
–0.30
350 UNITS
MS8 PACKAGE
TIME (ms)
1
5
3
4
0
–2
–3
2
1
–1
–4
–5
6
3
5
60201 G01
7
2
4
INPUT VOLTAGE OFFSET SHIFT (µV)
–2
14
2
4
6
8
10
12
0
60201 G35
12
8
10
0
2
6
4
40 PARTS
MS8 PACKAGE
TOTAL SUPPLY VOLTAGE (V)
0
30
10
20
0
10
–20
–30
16
32
8
24
60201 G02
36
12
28
4
20
INPUT COMMON MODE VOLTAGE (V)
–15
40
20
30
10
0
–10
–20
–30
–40
10
–10
5
60201 G03
15
–5
0


Similar Part No. - LTC6256

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256 Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6256

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6020-1 LINER-LT6020-1_15 Datasheet
437Kb / 20P
   Dual Micropower, 5V/s Precision Rail-to-Rail Output Amplifier
LT6020 LINER-LT6020_15 Datasheet
437Kb / 20P
   Dual Micropower, 5V/s Precision Rail-to-Rail Output Amplifier
LT6023 LINER-LT6023 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LT6023 LINER-LT6023_15 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/s Precision Rail-to-Rail Output Amplifier
LT6023-1 LINER-LT6023-1_15 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/s Precision Rail-to-Rail Output Amplifier
logo
Advanced Linear Devices
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com