Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2717 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2717
Description  Dual Step-down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2717 Datasheet HTML 2Page - National Semiconductor (TI) LM2717 Datasheet HTML 3Page - National Semiconductor (TI) LM2717 Datasheet HTML 4Page - National Semiconductor (TI) LM2717 Datasheet HTML 5Page - National Semiconductor (TI) LM2717 Datasheet HTML 6Page - National Semiconductor (TI) LM2717 Datasheet HTML 7Page - National Semiconductor (TI) LM2717 Datasheet HTML 8Page - National Semiconductor (TI) LM2717 Datasheet HTML 9Page - National Semiconductor (TI) LM2717 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical Characteristics (Continued)
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). VIN = 5V, IL = 0A, and FSW = 300kHz unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
SHDN1
Fixed Buck Shutdown Pin
Current
0V < V
SHDN1 < 7.5V
−5
5
µA
I
SHDN2
Adjustable Buck Shutdown
Pin Current
0V < V
SHDN2 < 7.5V
−5
5
µA
I
L1
Fixed Buck Switch Leakage
Current
V
IN = 20V
0.01
5
µA
I
L2
Adjustable Buck Switch
Leakage Current
V
IN = 20V
0.01
5
µA
R
DSON1
Fixed Buck Switch R
DSON
(Note 9)
160
m
R
DSON2
Adjustable Buck Switch
R
DSON (Note 9)
160
m
Th
SHDN1
Fixed Buck SHDN Threshold
Output High
1.8
1.36
V
Output Low
1.33
0.7
Th
SHDN2
Adjustable Buck SHDN
Threshold
Output High
1.8
1.36
V
Output Low
1.33
0.7
I
SS1
Fixed Buck Soft Start Pin
Current
4
9
15
µA
I
SS2
Adjustable Buck Soft Start
Pin Current
4
9
15
µA
UVP
On Threshold
4
3.8
V
Off Threshold
3.6
3.3
θ
JA
Thermal Resistance
(Note 10)
TSSOP, package only
115
˚C/W
Note 1: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance. The maximum allowable power dissipation at any ambient
temperature is calculated using: PD (MAX) = (TJ(MAX) −TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% tested
or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: Typical numbers are at 25˚C and represent the most likely norm.
Note 6: Duty cycle affects current limit due to ramp generator.
Note 7: Current limit at 0% duty cycle. See TYPICAL PERFORMANCE section for Switch Current Limit vs. VIN
Note 8: Bias current flows into FB pin.
Note 9: Includes the bond wires, RDSON from VIN pin(s) to SW pin.
Note 10: Refer to National’s packaging website for more detailed thermal information and mounting techniques for the TSSOP package.
www.national.com
6


Similar Part No. - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
More results

Similar Description - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com