Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J1511AT120VAC1.4DGT Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J1511AT120VAC1.4DGT
Description  Switching capacity up to 20A; small size and light weight
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1511AT120VAC1.4DGT Datasheet(HTML) 2 Page - CIT Relay & Switch

  J1511AT120VAC1.4DGT Datasheet HTML 1Page - CIT Relay & Switch J1511AT120VAC1.4DGT Datasheet HTML 2Page - CIT Relay & Switch J1511AT120VAC1.4DGT Datasheet HTML 3Page - CIT Relay & Switch J1511AT120VAC1.4DGT Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
J151
page 2
General Data*
Ordering Information
1. Series
J151
2C
T
12VDC
.9
J151
2. Contact Arrangement
1A, 1B, 1C
2A, 2B, 2C
3A, 3B, 3C contact factory for availability
4A, 4B, 4C contact factory for availability
3. Termination
T = Solder lugs / Plug-in
F = Solder lugs / Plug-in with Flange
P = PCB Terminals
4. Coil Voltage
12VDC
24VDC
36VDC
48VDC
110VDC
220VDC
12VAC
24VAC
36VAC
48VAC
110VAC
120VAC
220VAC
240VAC
5. Coil Power
.9 = .9W (DC coil for use with 1 and 2 pole models only)
1.4 = 1.4W (DC coil for use with 3 pole models only)
1.5 = 1.5W (DC coil for use with 4 pole models only)
1.2 = 1.2VA (AC coil for use with 1 and 2 pole models only)
2.0 = 2.0VA (AC coil for use iwth 3 pole models only)
2.5 = 2.5VA (AC coil for use with 4 pole models only)
6. Option LED
Blank = No indicator LED
D = With indicator LED
7. Gold Option
Blank = Standard contact
G = Gold over standard contacts
8. Push to Test Option
Blank = Without push to test button
T = With push to test button
Electrical Life @ rated load
100K cycles, average
Mechanical Life
20M cycles (1 & 2 pole), typical; 10M cycles (3 &4 pole), average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength,
Coil to Contact 1500V rms min. @ sea level initial
Contact to Contact 1500V rms min. @ sea level initial
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.27mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
2C: 40g; 3C: 50g; 4C: 60g
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.


Similar Part No. - J1511AT120VAC1.4DGT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1511AT120VDC CIT-J1511AT120VDC Datasheet
361Kb / 4P
   CIT SWITCH
More results

Similar Description - J1511AT120VAC1.4DGT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com