Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0194280024 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0194280024
Description  5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 16 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0194280024 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0194280024_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0194280024_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19428-001
Product Specification
PS-19427-001-001
Sales Drawing
SD-19428-016
This document was generated on 05/16/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0194280024_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194280020 MOLEX1-0194280020_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 6 Circuits
0194280021 MOLEX1-0194280021_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 8 Circuits
0194280022 MOLEX1-0194280022_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 10 Circuits
0194280023 MOLEX1-0194280023_18 Datasheet
40Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 12 Circuits
0194280025 MOLEX1-0194280025_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Single Row, Low Profile, Gold (Au) Plated, 2 Circuits
More results

Similar Description - 0194280024_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19428-0024 MOLEX11-19428-0024 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 16 Circuits
0194280020 MOLEX1-0194280020_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 6 Circuits
19428-0023 MOLEX11-19428-0023 Datasheet
47Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 12 Circuits
0194280019 MOLEX1-0194280019_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 4 Circuits
19428-0019 MOLEX11-19428-0019 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 4 Circuits
19428-0021 MOLEX11-19428-0021 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 8 Circuits
19428-0020 MOLEX11-19428-0020 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 6 Circuits
0194280021 MOLEX1-0194280021_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 8 Circuits
0194280023 MOLEX1-0194280023_18 Datasheet
40Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 12 Circuits
19428-0022 MOLEX11-19428-0022 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 10 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com