Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1510AAB Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. LH1510AAB
Description  1 Form A Solid State Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1510AAB Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1510AAB Datasheet HTML 1Page - Vishay Siliconix LH1510AAB Datasheet HTML 2Page - Vishay Siliconix LH1510AAB Datasheet HTML 3Page - Vishay Siliconix LH1510AAB Datasheet HTML 4Page - Vishay Siliconix LH1510AAB Datasheet HTML 5Page - Vishay Siliconix LH1510AAB Datasheet HTML 6Page - Vishay Siliconix LH1510AAB Datasheet HTML 7Page - Vishay Siliconix LH1510AAB Datasheet HTML 8Page - Vishay Siliconix LH1510AAB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83810
Rev. 1.3, 26-Oct-04
LH1510AAB/ AABTR/ AT
Vishay Semiconductors
Absolute Maximum Ratings, Tamb = 25 °C
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Ratings for extended periods of time can adversely affect reliability.
SSR
1) Refer to Current Limit Performance Application Note 58 for a discussion on relay operation during transient currents.
Electrical Characteristics, Tamb = 25 °C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
LED continuous forward current
IF
50
mA
LED reverse voltage
IR ≤ 10 µAVR
8.0
V
DC or peak AC load voltage
IL ≤ 50 µAVL
200
V
Continuous DC load current -
bidirectional operation
IL
200
mA
Continuous DC load current -
unidirectional operation
IL
350
mA
Peak load current (single shot)
t = 100 ms
IP
1)
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 150
°C
Pin soldering temperature
t = 10 s max
Tsld
260
°C
Input/output isolation voltage
VISO
5300
VRMS
Output power dissipation
(continuous)
Pdiss
550
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
LED forward current,
switch turn-on
IL = 100 mA, t = 10 ms
IFon
0.95
2.0
mA
LED forward current,
switch turn-off
VL = ± 150 V
IFoff
0.2
0.85
mA
LED forward voltage
IF = 10 mA
VF
1.15
1.27
1.45
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
ON-resistance ac/dc:
Pin 4(±) to 6 (±)
IF = 5.0 mA, IL = 50 mA
RON
6.0
11.27
15
ON-resistance dc:
Pin 4, 6 (+) to 5 (±)
IF = 5.0 mA, IL = 100 mA
RON
1.5
3.15
3.75
Off-resistance
IF = 0 mA, VL = ± 100 V
ROFF
0.5
80
G
Current limit ac/dc:
Pin 4 (±) to 6 (±)
IF = 5.0 mA, VL = ± 5.0 V,
t = 5.0 ms
ILMT
300
368
450
mA
Current limit dc:
Pin 4, 6 (+) to 5 (±)
IF = 5.0 mA, VL = 4.0 V,
t = 5.0 ms
ILMT
600
736
920
mA
Off-state leakage current
IF = 0 mA, VL = ± 100 V
IO
2.36
200
nA
IF = 0 mA, VL = ± 200 V
IO
79.2
1.0
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LH1540AT 1 Form A Solid State Relay 1  2  3  4  5  Infineon Technologies AG
LH1529AB Telecom Switch - 1 Form A Solid State Relay 1  2  3  4  Infineon Technologies AG
LH1523BB Dual 1 Form B Solid State Relay 1  2  3  4  5  More Vishay Siliconix
LH1541AT1 1 Form A Solid State Relay Low Capacitance 1  2  3  4  5  Vishay Siliconix
VN920 SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY 1  2  3  4  5  More STMicroelectronics
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
CSN Solid State Sensors Closed Loop Current Sensors 1  2  3  4  5  More Honeywell Solid State Electronics Center
MDC3105 Integrated Relay Inductive Load Driver 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn