Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1510AAB Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. LH1510AAB
Description  1 Form A Solid State Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1510AAB Datasheet(HTML) 5 Page - Vishay Siliconix

  LH1510AAB Datasheet HTML 1Page - Vishay Siliconix LH1510AAB Datasheet HTML 2Page - Vishay Siliconix LH1510AAB Datasheet HTML 3Page - Vishay Siliconix LH1510AAB Datasheet HTML 4Page - Vishay Siliconix LH1510AAB Datasheet HTML 5Page - Vishay Siliconix LH1510AAB Datasheet HTML 6Page - Vishay Siliconix LH1510AAB Datasheet HTML 7Page - Vishay Siliconix LH1510AAB Datasheet HTML 8Page - Vishay Siliconix LH1510AAB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LH1510AAB/ AABTR/ AT
Document Number 83810
Rev. 1.3, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Figure 11. Load Current vs. Load Voltage
Figure 12. ON-Resistance vs. Temperature
Figure 13. Variation in ON-Resistance vs. LED Current
ilh1510at_10
0
100
200
300
400
500
0
1
23
45
Load Voltage (V)
T=-40°C
T=25°C
T=85°C
ilh1510at_11
-30
-20
-10
0
10
20
30
40
-40
-20
0
20
40
60
80
Temperature (°C)
IF=5mA
IL=50mA
ilh1510at_12
0
-2
2
4
6
8
10
0
4
8
12
16
20
LED Current (mA)
IL=50mA
Figure 14. Switch Terminal Capacitance vs. Applied Voltage
Figure 15. Insertion Loss vs. Frequency
Figure 16. Leakage Current vs. Applied Voltage
ilh1510at_13
0
15
30
45
60
75
90
0
20
406080
100
Applied Voltage (V)
ilh1510at_14
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
Frequence (Hz)
102
103
104
105
RL=600ı
ilh1510at_15
1.0
10.0
100.0
0
40
80
120
160
200
Load Voltage (V)
T=85°C
T=70°C
T=50°C
T=25°C
1000.0
0.1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LH1540AT 1 Form A Solid State Relay 1  2  3  4  5  Infineon Technologies AG
LH1529AB Telecom Switch - 1 Form A Solid State Relay 1  2  3  4  Infineon Technologies AG
LH1523BB Dual 1 Form B Solid State Relay 1  2  3  4  5  More Vishay Siliconix
LH1541AT1 1 Form A Solid State Relay Low Capacitance 1  2  3  4  5  Vishay Siliconix
VN920 SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY 1  2  3  4  5  More STMicroelectronics
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
CSN Solid State Sensors Closed Loop Current Sensors 1  2  3  4  5  More Honeywell Solid State Electronics Center
MDC3105 Integrated Relay Inductive Load Driver 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn