Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFG1216Q2A-DED5 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KFG1216Q2A-DED5
Description  FLASH MEMORY
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1216Q2A-DED5 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KFG1216Q2A-DED5 Datasheet HTML 4Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 5Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 6Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 7Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 8Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 9Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 10Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 11Page - Samsung semiconductor KFG1216Q2A-DED5 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
OneNAND512(KFG1216x2A-xxB5)
FLASH MEMORY
8
OneNAND
‚ is a monolithic integrated circuit with a NAND Flash array using a NOR Flash interface. This device includes control
logic, a NAND Flash array, and 5KB of internal BufferRAM. The BufferRAM reserves 1KB for boot code buffering (BootRAM) and 4KB
for data buffering (DataRAM), split between 2 independent buffers. It has a x16 Host Interface and a random access time speed of
~76ns.
The device operates up to a maximum host-driven clock frequency of 54MHz for synchronous reads at Vcc(or Vccq. Refer to chapter
4.2) with minimum 4-clock latency. Below 40MHz it is accessible with minimum 3-clock latency. Appropriate wait cycles are deter-
mined by programmable read latency.
OneNAND provides for multiple sector read operations by assigning the number of sectors to be read in the sector counter
register. The device includes one block-sized OTP (One Time Programmable) area that can be used to increase system security or
to provide identification capabilities.
1.6
General Overview


Similar Part No. - KFG1216Q2A-DED5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG1216Q2M-DEB SAMSUNG-KFG1216Q2M-DEB Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216Q2M-DED SAMSUNG-KFG1216Q2M-DED Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216Q2M-DIB SAMSUNG-KFG1216Q2M-DIB Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216Q2M-DID SAMSUNG-KFG1216Q2M-DID Datasheet
1Mb / 93P
   FLASH MEMORY
More results

Similar Description - KFG1216Q2A-DED5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com