Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J1512AP24VAC1.4DGT Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J1512AP24VAC1.4DGT
Description  Switching capacity up to 20A; small size and light weight
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1512AP24VAC1.4DGT Datasheet(HTML) 1 Page - CIT Relay & Switch

  J1512AP24VAC1.4DGT Datasheet HTML 1Page - CIT Relay & Switch J1512AP24VAC1.4DGT Datasheet HTML 2Page - CIT Relay & Switch J1512AP24VAC1.4DGT Datasheet HTML 3Page - CIT Relay & Switch J1512AP24VAC1.4DGT Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
J151
21.6, 30.6, 40.6 x 27.6 x 35.0 mm
Features
E197852
Coil Data AC Parameters*
Coil Data DC Parameters*
Contact Data*
t
Switching capacity up to 20A; small size and light weight
Low coil power consumption; high contact load
Strong resistance to shock and vibration
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.9W
1.4W
1.5W
12
15.6
160
100
96
9.00
1.2
.90
1.40
25
25
24
31.2
650
400
360
18.00
2.4
36
46.8
1500
900
865
27.00
3.6
48
62.4
2600
1600
1540
36.00
4.8
110
143.0
11000
8400
6800
82.50
11.0
220
286.0
53778
34571
32267
165.00
22.0
Coil Voltage
VAC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VAC (max)
80% of rated
voltage
Release Voltage
VAC (min)
30% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
1.2VA
2.0VA
2.5VA
12
15.6
46
25.5
20
9.60
3.6
1.20
2.00
2.50
25
25
24
31.2
184
102
80
19.20
7.2
36
46.8
370
230
180
28.8
10.8
48
62.4
735
410
320
38.4
14.4
110
143.0
3900
2300
1680
88.00
33.0
120
156.0
4550
2530
1990
96.00
36.0
220
286.0
14400
8600
3700
176.00
66.0
240
312.0
19000
10555
8280
192.00
72.0
Contact
1A, 1B, 1C = SPST N.O., SPST N.C., SPDT
Arrangement
2A, 2B, 2C = DPST N.O., DPST N.C., DPDT
3A, 3B, 3C = 3PST N.O., 3PST N.C., 3PDT
4A, 4B, 4C = 4PST N.O., 4PST N.C., 4PDT
Contact Rating
1 Pole : 20A @ 277VAC & 28VDC, General Purpose
2 Pole : 12A @ 250VAC & 28VDC, General Purpose
2 Pole : 10A @ 277VAC, General Purpose; 1/2hp @ 125VAC
3 & 4 Pole : 12A @ 250VAC & 28VDC, General Purpose
3 & 4 Pole : 10A @ 277VAC, General Purpose;
1/2hp @ 125VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgCdO
Maximum Switching Power
5540VA, 560W
Maximum Switching Voltage
300VAC
Maximum Switching Current
20A


Similar Part No. - J1512AP24VAC1.4DGT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1512AP24VDC CIT-J1512AP24VDC Datasheet
361Kb / 4P
   CIT SWITCH
More results

Similar Description - J1512AP24VAC1.4DGT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com