Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3769 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3769
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3769 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3769 Datasheet HTML 2Page - Linear Technology LTC3769 Datasheet HTML 3Page - Linear Technology LTC3769 Datasheet HTML 4Page - Linear Technology LTC3769 Datasheet HTML 5Page - Linear Technology LTC3769 Datasheet HTML 6Page - Linear Technology LTC3769 Datasheet HTML 7Page - Linear Technology LTC3769 Datasheet HTML 8Page - Linear Technology LTC3769 Datasheet HTML 9Page - Linear Technology LTC3769 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC7820
6
7820fc
For more information www.linear.com/LTC7820
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Voltage vs Frequency, in
Figure 7
VCC Shutdown Current vs
Temperature
Short-Circuit and Retry
24V to 12V Divider
Shutdown 48V to 24V Voltage
Divider, RUN Pin FLOAT
INTVCC Line Regulation
200ms/DIV
VOUT
10V/DIV
FAULT
10V/DIV
TIMER
5V/DIV
SW3
20V/DIV
7820 G13
VCC VOLTAGE (V)
0
10
6
2
4
5
3
0
1
60
40
7820 G10
80
50
30
70
20
TEMPERATURE (°C)
–50
85
60
80
70
75
65
40
50
45
55
100
50
7820 G11
150
0
VCC = 12V
VCC = 48V
VCC = 72V
FREQUENCY (kHz)
0
5.8
4.8
5.6
5.2
5.4
5.0
4.0
4.4
4.2
4.6
1000
800
600
400
7820 G12
1200
200
INTVCC
BOOST3-SW3
BOOST2-VLOW
BOOST1-SW1
25°C
125°C
–45°C
25°C
125°C
–45°C
25°C
125°C
–45°C
25°C
125°C
–45°C
100ms/DIV
VOUT
20V/DIV
VIN
20V/DIV
RUN
5V/DIV
SW3
20V/DIV
7820 G15
TA = 25°C, unless otherwise noted.
Start-Up 48V to 24V Voltage
Divider, RUN Pin FLOAT
100ms/DIV
VOUT
20V/DIV
VIN
20V/DIV
RUN
5V/DIV
SW3
20V/DIV
7820 G14
Input Current During Short Circuit
48V to 24V Divider
Divider Efficiency
vs CFLY in Figure 11
Voltage Divider Line Transient
tr = tr = 100µs, fS = 500kHz
5µs/DIV
VIN
20V/DIV
VOUT
20V/DIV
SW3
50V/DIV
IIN
20A/DIV
7820 G16
100µs/DIV
VIN
5V/DIV
VOUT
5V/DIV
SW3
10V/DIV
7820 G17
48V to 24V AT 10A LOAD
24V to 12V AT 20A LOAD
QUANTITY OF 10µF CFLY IN PARALLEL
8
10
12
14
16
96
97
98
99
100
7820 G18


Similar Part No. - LTC3769

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3769 LINER-LTC3769 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3769 LINER-LTC3769 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTC3769 AD-LTC3769 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
LTC3769 AD-LTC3769 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
   60V Low IQ Synchronous Boost Controller
More results

Similar Description - LTC3769

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
TelCom Semiconductor, I...
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_06 Datasheet
468Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2006
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
   High Current Charge Pump DC-to-DC Converter
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com