Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12LP17A Datasheet(PDF) 7 Page - Microchip Technology

Part # SST12LP17A
Description  2.4 GHz WLAN, High-Efficiency Power Amplifier Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17A Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST12LP17A Datasheet HTML 3Page - Microchip Technology SST12LP17A Datasheet HTML 4Page - Microchip Technology SST12LP17A Datasheet HTML 5Page - Microchip Technology SST12LP17A Datasheet HTML 6Page - Microchip Technology SST12LP17A Datasheet HTML 7Page - Microchip Technology SST12LP17A Datasheet HTML 8Page - Microchip Technology SST12LP17A Datasheet HTML 9Page - Microchip Technology SST12LP17A Datasheet HTML 10Page - Microchip Technology SST12LP17A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS70005214A-page 7
SST12LP17A
5.0
TYPICAL PERFORMANCE CHARACTERISTICS
Test Conditions: VCC = 3.3V, VREF = 2.85V, TA = 25°C
FIGURE 5-1:
S-PARAMETER
1426 S-Parms.1.2
-60
-50
-40
-30
-20
-10
0
10
0123456789
10
Frequency (GHz)
S11 versus Frequency
-60
-50
-40
-30
-20
-10
0
10
0123456789
10
Frequency (GHz)
S12 versus Frequency
-50
-40
-30
-20
-10
0
10
20
30
40
0123456789
10
Frequency (GHz)
S21 versus Frequency
-60
-50
-40
-30
-20
-10
0
10
0123456789
10
Frequency (GHz)
S22 versus Frequency


Similar Part No. - SST12LP17A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP17E-QU8E MICROCHIP-SST12LP17E-QU8E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP17E-QU8E-K MICROCHIP-SST12LP17E-QU8E-K Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP17E-XX8E MICROCHIP-SST12LP17E-XX8E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP17E-XX8E-K MICROCHIP-SST12LP17E-XX8E-K Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
More results

Similar Description - SST12LP17A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
logo
Microchip Technology
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LF02 MICROCHIP-SST12LF02_15 Datasheet
2Mb / 17P
   2.4 GHz WLAN High-Gain, High-Efficiency FEM
01/15
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com