Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3784 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3784
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3784 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3784 Datasheet HTML 7Page - Linear Technology LTC3784 Datasheet HTML 8Page - Linear Technology LTC3784 Datasheet HTML 9Page - Linear Technology LTC3784 Datasheet HTML 10Page - Linear Technology LTC3784 Datasheet HTML 11Page - Linear Technology LTC3784 Datasheet HTML 12Page - Linear Technology LTC3784 Datasheet HTML 13Page - Linear Technology LTC3784 Datasheet HTML 14Page - Linear Technology LTC3784 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC7820
11
7820fc
For more information www.linear.com/LTC7820
OPERATION
OPERATION
programmed window around half of VHIGH_SENSE voltage
or the VHIGH_SENSE and VLOW_SENSE voltages must be
lower than 1V and 0.5V respectively. To clear the current
fault, the voltage drop from ISENSE+ pin to ISENSE– pin has
to be lower than 50mV. To clear temperature faults, the
IC temperature has to be lower than 165°C.
The FAULT pin may be pulled up by external resistors to
voltages up to 80V. It can be used to control an external
disconnect FET to isolate the input and output during fault
conditions.
High Side Current Sensing
For over current protection, the LTC7820 uses a sense
resistorRSENSEtomonitorthecurrent.Thesensingresistor
has to be placed at the drain of the very top MOSFET M1.
For voltage divider and inverter applications, the current
flows into the drain of the MOSFET M1, so the ISENSE+ pin
should be connected to the sensing resistor then to the
drain of the MOSFET M1. For voltage doubler applications,
the current flows out of the drain of the MOSFET M1, so
the ISENSE+ pin should be connected directly to the drain
of the MOSFET M1. See Typical Applications section for
examples. In most applications, the current through the
senseresistorisapulsecurrentandthepeakvalueismuch
higher than the average load current. A RC filter on the
ISENSE– pin, with a time constant lower than the switching
frequency,maybeusedtosettheprecisionaveragecurrent
protection. If overcurrent protection is not desired, short
the ISENSE+ and ISENSE– pins together and connect them
to the drain of the top MOSFET M1 directly.
Frequency Selection
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency operation
increasesefficiencybyreducingMOSFETswitchinglosses,
but requires larger capacitance to maintain low output
ripplevoltageandlowoutputimpedance.TheFREQpincan
be used to program the controller’s operating frequency
from 100kHz to 1MHz. There is a precision 10µA current
flowing out of the FREQ pin, so the user can program the
controller’s switching frequency with a single resistor to
GND.ThevoltageontheFREQpinisequaltotheresistance
multiplied by 10μA current (e.g. the voltage is 1V with a
100k resistor from the FREQ pin to GND). In the linear
region, the switching frequency, fS, can be estimated
based on the equation:
fS (kHz) = RFREQ(kΩ) • 8 – 317kHz
Figure 2 also shows the relationship between the voltage
on the FREQ pin and switching frequency.
Power Good and UV (PGOOD and UV pins)
When the UV pin voltage is lower than 1V, the PGOOD
pin is pulled low. The PGOOD pin is also pulled low when
the RUN pin is low or when the LTC7820 is starting up.
The PGOOD pin is released only when the LTC7820 is
switching and UV pin is higher than 1V. The PGOOD pin
will flag power bad immediately when the UV pin is low.
However, there is an internal 20μs power good mask and
120mV hysteresis when UV goes higher than 1V. The
PGOOD pin may be pulled up by external resistors to
sources up to 45V.
PGOOD signal can be used to enable or disable the output
loads. If the loads are switching mode converters or LDOs
with ENABLE/RUN pins, this allows easy for interfacing.
With proper setup on the UV pin, PGOOD can enable the
loads at the output when the output voltage is above a
certain value. PGOOD can also be used to control the RUN
pin of another LTC7820 if two or more parts are cascaded
to achieve higher step-down ratios.
Figure 2. Relationship Between Switching Frequency
and Voltage at the FREQ Pin
FREQ PIN VOLTAGE (V)
0
1400
1200
800
400
1000
600
200
0
2
1
7820 F02
2.5
1.5
0.5


Similar Part No. - LTC3784

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3784 LINER-LTC3784 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3784 LINER-LTC3784 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3784 LINER-LTC3784 Datasheet
1Mb / 24P
   A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3784 AD-LTC3784 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
LTC3784 AD-LTC3784 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
More results

Similar Description - LTC3784

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
TelCom Semiconductor, I...
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_06 Datasheet
468Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2006
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
   High Current Charge Pump DC-to-DC Converter
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com