Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6911D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6911D
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6911D Datasheet HTML 4Page - STMicroelectronics L6911D Datasheet HTML 5Page - STMicroelectronics L6911D Datasheet HTML 6Page - STMicroelectronics L6911D Datasheet HTML 7Page - STMicroelectronics L6911D Datasheet HTML 8Page - STMicroelectronics L6911D Datasheet HTML 9Page - STMicroelectronics L6911D Datasheet HTML 10Page - STMicroelectronics L6911D Datasheet HTML 11Page - STMicroelectronics L6911D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
L6911D
8/17
Figure 3. High Side driver peak current. Vboot-Vphase=12V (left) Vboot-Vphase=5V (right)
Figure 4. Low Side driver peak current. Vcc=12V (left) Vcc=5V (right)
Monitoring and Protections
The output voltage is monitored by means of pin 1 (VSEN). If it is not within ±12% (typ.) of the programmed
value, the powergood output is forced low.
The device provides overvoltage protection, when the output voltage reaches a value 17% (typ.) grater than the
nominal one. If the output voltage exceeds this threshold, the OVP pin is forced high, triggering an external SCR
to shuts the supply (VIN) down, and also the lower driver is turned on as long as the over-voltage is detected.
To perform the overcurrent protection the device compares the drop across the high side MOS, due to the
RDSON, with the voltage across the external resistor (ROCS) connected between the OCSET pin and drain of
the upper MOS. Thus the overcurrent threshold (IP) can be calculated with the following relationship:
Where the typical value of IOCS is 200µA. To calculate the ROCS value it must be considered the maximum
RDSON (also the variation with temperature) and the minimum value of IOCS. To avoid undesirable trigger of
CH1 = High Side Gate
CH4 = Gate Current
CH1 = Low Side Gate
CH4 = Gate Current
I
P
I
OCS
R
OCS
R
DSON
---------------------------------
=


Similar Part No. - L6911D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911 STMICROELECTRONICS-L6911 Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911CTR STMICROELECTRONICS-L6911CTR Datasheet
351Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results

Similar Description - L6911D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911E STMICROELECTRONICS-L6911E_07 Datasheet
482Kb / 34P
   5-Bit programmable step down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com