Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3864 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3864
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3864 Datasheet(HTML) 3 Page - Linear Technology

  LTC3864 Datasheet HTML 1Page - Linear Technology LTC3864 Datasheet HTML 2Page - Linear Technology LTC3864 Datasheet HTML 3Page - Linear Technology LTC3864 Datasheet HTML 4Page - Linear Technology LTC3864 Datasheet HTML 5Page - Linear Technology LTC3864 Datasheet HTML 6Page - Linear Technology LTC3864 Datasheet HTML 7Page - Linear Technology LTC3864 Datasheet HTML 8Page - Linear Technology LTC3864 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3899
3
3899fa
For more information www.linear.com/LTC3899
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VBIAS = 12V, VRUN1,2,3 = 5V, VEXTVCC = 0V, VDRVSET =
0V, VPRG3 = Float unless otherwise noted.
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3899EFE#PBF
LTC3899EFE#TRPBF
LTC3899FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3899IFE#PBF
LTC3899IFE#TRPBF
LTC3899FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3899HFE#PBF
LTC3899HFE#TRPBF
LTC3899FE
38-Lead Plastic TSSOP
–40°C to 150°C
LTC3899MPFE#PBF
LTC3899MPFE#TRPBF
LTC3899FE
38-Lead Plastic TSSOP
–55°C to 150°C
LTC3899EUHF#PBF
LTC3899EUHF#TRPBF
3899
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3899IUHF#PBF
LTC3899IUHF#TRPBF
3899
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3899HUHF#PBF
LTC3899HUHF#TRPBF
3899
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 150°C
LTC3899MPUHF#PBF
LTC3899MPUHF#TRPBF 3899
38-Lead (5mm × 7mm) Plastic QFN
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBIAS
Bias Input Supply Operating Voltage Range
4.5
60
V
VFB1,2
Buck Regulated Feedback Voltage
(Note 4) ITH1,2 Voltage = 1.2V
0°C to 85°C
l
0.792
0.788
0.800
0.800
0.808
0.812
V
V
VFB3
Boost Regulated Feedback Voltage
(Note 4) ITH3 Voltage = 1.2V
VPRG3 = FLOAT
VPRG3 = 0V
VPRG3 = INTVCC
l
l
l
1.182
9.78
11.74
1.200
10.00
12.00
1.218
10.22
12.26
V
V
V
IFB1,2
Buck Feedback Current
(Note 4)
–2
±50
nA
IFB3
Boost Feedback Current
(Note 4)
VPRG3 = FLOAT
VPRG3 = 0V
VPRG3 = INTVCC
±0.01
4
5
±0.05
6
7
µA
µA
µA
VREFLNREG
Reference Voltage Line Regulation
(Note 4) VBIAS = 4.5V to 60V
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4) Measured in Servo Loop,
∆ITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note 4) Measured in Servo Loop,
∆ITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm1,2,3
Transconductance Amplifier gm
(Note 4) ITH1,2,3 = 1.2V, Sink/Source 5µA
2
mmho


Similar Part No. - LTC3864

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3864 LINER-LTC3864 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3864 LINER-LTC3864 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
LTC3864 LINER-LTC3864 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3864 LINER-LTC3864 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LTC3864 LINER-LTC3864 Datasheet
563Kb / 34P
   Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
More results

Similar Description - LTC3864

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
logo
Linear Technology
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com