Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4609 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4609
Description  Low IQ, 38V Synchronous BoostBuck Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 1 Page - Linear Technology

  LTM4609 Datasheet HTML 1Page - Linear Technology LTM4609 Datasheet HTML 2Page - Linear Technology LTM4609 Datasheet HTML 3Page - Linear Technology LTM4609 Datasheet HTML 4Page - Linear Technology LTM4609 Datasheet HTML 5Page - Linear Technology LTM4609 Datasheet HTML 6Page - Linear Technology LTM4609 Datasheet HTML 7Page - Linear Technology LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC7812
1
7812fc
For more information www.linear.com/LTC7812
TYPICAL APPLICATION
DESCRIPTION
Low IQ, 38V Synchronous
Boost+Buck Controller
The LTC®7812 is a high performance synchronous
Boost+Buck DC/DC switching regulator controller that
drives all N-channel power MOSFET stages. It contains
independentstep-up(boost)andstep-down(buck)control-
lers that can regulate two separate outputs or be cascaded
to regulate an output voltage from an input voltage that
can be above, below or equal to the output voltage. The
LTC7812 operates from a wide 4.5V to 38V input supply
range.Whenbiasedfromtheoutputoftheboostregulator,
the LTC7812 can operate from an input supply as low as
2.5V after start-up. The 33μA no-load quiescent current
extends operating run time in battery-powered systems.
Unlikeconventionalbuck-boostregulators,theLTC7812’s
cascaded Boost+Buck solution has continuous, non-
pulsating,inputandoutputcurrents,substantiallyreducing
voltage ripple and EMI. The LTC7812 has independent
feedback and compensation points for the boost and buck
regulation loops, enabling a fast output transient response
that can be easily optimized externally.
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP and µModule are registered trademarks and
No RSENSE is a trademark of Analog Devices, Inc. All other trademarks are the property of their
respective owners.
FEATURES
APPLICATIONS
n
Synchronous Boost and Buck Controllers
n
When Cascaded, Allows VIN Above, Below or Equal
to Regulated VOUT
n
Output Remains in Regulation Through Input Dips
(e.g., Cold Crank) Down to 2.5V
n
Wide Bias Input Voltage Range: 4.5V to 38V
n
Low Input and Output Ripple
n
Low EMI
n
Fast Output Transient Response
n
High Light Load Efficiency
n
Low Operating IQ: 33µA (Both Channels On)
n
Low Operating IQ: 28µA (Buck Channel On)
n
RSENSE or Lossless DCR Current Sensing
n
Buck Output Voltage Range: 0.8V ≤ VOUT ≤ 24V
n
Boost Output Voltage Up to 60V
n
Phase-Lockable Frequency (75kHz to 850kHz)
n
Small 32-Pin 5mm × 5mm QFN Package
n
Automotive and Industrial Power Systems
n
High Power Battery Operated Systems
Wide Input Range to 12V/8A Low IQ, Cascaded Boost+Buck Regulator
VIN
5V TO 38V
DOWN TO
2.5V AFTER
START-UP
33µF
6.8µF
0.1µF
0.1µF
4.7µF
VOUT
12V
8A*
VMID, 14V**
2m
1µH
3m
4.7µH
499k
35.7k
FREQ
INTVCC
VFB2
RUN1
15k
4.7nF
0.01µF
0.1µF
100pF
EXTVCC
SS2
ITH1
SGND
7812 TA01a
RUN2
ITH2
SENSE2
SENSE2+
VFB1
PGND
VBIAS
TG2
SW2 BOOST2
BG2
BG1
BOOST1 SW1
TG1
SENSE1+ SENSE1
PLLIN/MODE
TRACK/SS1
LTC7812
1.86k
6.8nF
820pF
6.8µF
+
47µF
22µF
+
33µF
499k
46.4k
+
* WHEN VIN < 8V, MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED
** VMID = 14V WHEN VIN < 14V
VMID FOLLOWS VIN WHEN VIN > 14V


Similar Part No. - LTM4609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTM4609 LINER-LTM4609 Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTM4609 LINER-LTM4609 Datasheet
822Kb / 64P
   38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
LTM4609 LINER-LTM4609 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
More results

Similar Description - LTM4609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
logo
Major-Power Technology ...
MA5620 MPOWER-MA5620 Datasheet
291Kb / 8P
   38V Synchronous Buck Controller
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com