Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3857 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3857
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3857 Datasheet HTML 2Page - Linear Technology LTC3857 Datasheet HTML 3Page - Linear Technology LTC3857 Datasheet HTML 4Page - Linear Technology LTC3857 Datasheet HTML 5Page - Linear Technology LTC3857 Datasheet HTML 6Page - Linear Technology LTC3857 Datasheet HTML 7Page - Linear Technology LTC3857 Datasheet HTML 8Page - Linear Technology LTC3857 Datasheet HTML 9Page - Linear Technology LTC3857 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LTC3875
6
3875fb
For more information www.linear.com/LTC3875
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step
(Figure 16 Application Circuit)
(Forced Continuous Mode)
Load Step
(Figure 16 Application Circuit)
(Pulse-Skipping Mode)
Prebiased Output at 1V
Coincident Tracking
Tracking Up and Down
with External Ramp
Quiescent Current
vs Temperature without EXTVCC
Efficiency vs Output Current and
Mode (Figure 16 Application Circuit)
Efficiency vs Output Current and
Mode (Figure 16 Application Circuit)
Load Step
(Figure 16 Application Circuit)
(Burst Mode Operation)
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.01
1
10
100
3875 G01
0
0.1
Burst Mode
OPERATION
CCM
VIN = 12V
VOUT = 1.5V
PULSE-SKIPPING
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.01
1
10
100
3875 G02
0
0.1
Burst Mode
OPERATION
CCM
VIN = 12V
VOUT = 1V
PULSE-
SKIPPING
ILOAD
40A/DIV
5A TO 30A
VOUT
100mV/DIV
AC-COUPLED
10µs/DIV
3875 G03
VIN = 12V
VOUT = 1.5V
IL1, IL2
10A/DIV
ILOAD
40A/DIV
5A TO 30A
VOUT
100mV/DIV
AC-COUPLED
10µs/DIV
3875 G04
VIN = 12V
VOUT = 1.5V
IL1, IL2
10A/DIV
ILOAD
40A/DIV
5A TO 30A
VOUT
100mV/DIV
AC-COUPLED
10µs/DIV
3875 G05
VIN = 12V
VOUT = 1.5V
IL1, IL2
10A/DIV
VOUT
1V/DIV
VOSNS+
500mV/DIV
TK/SS
500mV/DIV
2.5ms/DIV
3875 G06
VIN = 12V
VOUT = 1.5V
CCM: NO LOAD
RUN
2V/DIV
VOUT1
VOUT2
1V/DIV
2.5ms/DIV
3875 G07
VIN = 12V
VOUT1 = 1.5V, RLOAD = 12, CCM
VOUT2 = 1V, RLOAD = 6, CCM
VOUT1
VOUT2
TK/SS1
TK/SS2
2V/DIV
VOUT1
VOUT2
500mV/DIV
10ms/DIV
3875 G08
VIN = 12V
VOUT1 = 1V, 1 LOAD
VOUT2 = 1.5V, 1.5 LOAD
VOUT1
VOUT2
TEMPERATURE (°C)
–50
5.0
5.5
6.5
7.0
7.5
10.0
8.5
–10
30 50
130
3875 G09
6.0
9.0
9.5
8.0
–30
10
70 90 110


Similar Part No. - LTC3857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3857 LINER-LTC3857 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3857 LINER-LTC3857 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3857 LINER-LTC3857 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3875 LINER-LTC3875_15 Datasheet
606Kb / 44P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
uPI Group Inc.
UP1961S UPI-UP1961S Datasheet
214Kb / 12P
   Dual-Phase MOSFET Drivers DCR current sensing with Phase Extension
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3874-1 LINER-LTC3874-1 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com